công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1005 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện SI1005
Giải thích chi tiết về linh kiện  WIRELESS PRODUCT SELECTOR GUIDE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SI1005 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI1005 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI1005 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI1005 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI1005 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI1005 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI1005 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI1005 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI1005 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI1005 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
W IR E L E S S P R O D U C T S E L EC T O R G U ID E / 6
Unified Development Platform
Silicon Labs offers an innovative, new approach in
hardware support with the Unified Development Platform
(UDP), featuring a unified mother board, modular boards,
integrated LCD and ample real estate for prototyping,
expansion and integration. The UDP provides a standalone
demonstration and software development platform for the
EZRadioPRO Wireless devices, Wireless MCU devices and
all MCU products. Kits include UDP base boards and RF
test cards. Additional test cards may be ordered if the 915
MHz or 868 MHz test cards don’t satisfy the requirements
for the end application. www.silabs.com/UDP
The UDP platform supports all of the following:
• MCU code and firmware development (IDE,
Configuration Wizard, example codes etc.)
• RF design and optimization (WDS support,
automatic board detection and firmware download, sample RF code, run-time PHY interface etc.)
• Networks and protocol stacks (such as the wireless M-Bus stack)
PART NUMBER
DESCRIPTION
4010-DAAKF 434
AES Wireless Automated Control Demo Kit
4010-DKKF 434
Si4010 Wireless Automated Control Development Kit
4010-DASKF 434
Wireless Remote Control Demo Kit
WIRELESSMBUSEK
Wireless M-Bus Evaluation Kit
EZLC-4421 HB
EZLink Kit; F930/Si4421 EZRadio High-Band (868/915 MHz)
EZLC-4421 LB
EZLink Kit; F930/Si4421 EZRadio Low-Band (433 MHz)
EZLC4432B1-D470
EZLink Kit; F930/Si4432 rev B1 EZRadioPRO 470 MHz
EZLC4431B1-D434
EZLink Kit; F930/Si4431 rev B1 EZRadioPRO 434 MHz
EZLC4431B1-D868
EZLink Kit; F930/Si4431 rev B1 EZRadioPRO High-Band
ISM-DATD2-915
ISM Temp Demo (IA4221 Based (915MHz))
ISM-DK3
ISM Development Kit 3
RF-to-USB-RD
Two board RF to USB Reference Design
SDBC-DK3
EZRadioPRO™ Wireless Development Kit using F930
4311-DK1
Si4311 Demo Board
4312-DK1
Si4312 Demo Board
4421-DAELC HB
EZLink Module; F930/4421 High Band
4421-DAELC LB
EZLink Module; F930/4421 Low Band
Wireless Radio Test Kits
Test Cards
Pico Card
I/O Card
UDP Motherboard
MCU Card


Số phần tương tự - SI1005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI1005 SILABS-SI1005 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
SI1005-C-GM SILABS-SI1005-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Si1005-E-GM SILABS-Si1005-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Si1005-E-GM2 SILABS-Si1005-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

Mô tả tương tự - SI1005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
   Power??Architecture Products Product Selector Guide
logo
Microchip Technology
MCP9700A-E MICROCHIP-MCP9700A-E Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com