công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMAJ220A bảng dữ liệu(PDF) 1 Page - Cystech Electonics Corp.

tên linh kiện SMAJ220A
Giải thích chi tiết về linh kiện  Surface Mount Transient Voltage Suppressors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMAJ220A bảng dữ liệu(HTML) 1 Page - Cystech Electonics Corp.

  SMAJ220A Datasheet HTML 1Page - Cystech Electonics Corp. SMAJ220A Datasheet HTML 2Page - Cystech Electonics Corp. SMAJ220A Datasheet HTML 3Page - Cystech Electonics Corp. SMAJ220A Datasheet HTML 4Page - Cystech Electonics Corp. SMAJ220A Datasheet HTML 5Page - Cystech Electonics Corp. SMAJ220A Datasheet HTML 6Page - Cystech Electonics Corp. SMAJ220A Datasheet HTML 7Page - Cystech Electonics Corp. SMAJ220A Datasheet HTML 8Page - Cystech Electonics Corp. SMAJ220A Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C290SA
Issued Date : 2010.01.19
Revised Date : 2013.05.07
Page No. : 1/9
SMAJ5.0 thru SMAJ440CA
CYStek Product Specification
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 400W
Stand Off Voltage 5.0 to 440V
SMAJ5.0 thru SMAJ440CA
Features
Outline
• Low profile package with built-in strain relief for surface mounted
DO-214AC (SMA)
applications
• Plastic package has UL flammability classification 94V-0
• Ideal for ESD protection of data line in accordance with IEC1000-4-2
(IEC801-2)
• Ideal for EFT protection of data line in accordance with IEC1000-4-4
(IEC801-4)
• Very-fast response time
• Optimized for LAN protection applications
• Low incremental surge resistance, excellent clamping capability
• Glass passivated junction
• High temperature soldering guaranteed: 250°C/10seconds at terminals
• 400W peak pulse power capability with a 10/1000μs waveform,
repetition rate (duty cycle) : 0.01% (300W above 78V)
Mechanical Data
• Case : JEDEC DO-214AC(SMA) molded plastic body
• Terminals: Pure tin plated, solderable per MIL-STD-750 method 2026
• Polarity: For uni-directional types, the band denotes the cathode, which is positive with respective to the anode
under normal TVS operation
• Mounting position : Any
• Weight: 0.002 oz., 0.064 gram
Devices for bidirectional applications
For bi-directional devices, electrical characteristics apply in both directions.
Maximum Ratings and Characteristics(TA=25
°C, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000μs waveform (Fig. 1)
PPPM
Minimum 400 (Note 1, 2)
W
Peak pulse current with a 10/1000μs waveform (Fig. 3)
IPPM
See next table (Note 1)
A
Peak forward surge current, 8.3ms single half sine wave
uni-directional only (Note 2)
IFSM
40
A
Typical thermal resistance, junction-to-case
RθJC
32
°C/W
Typical thermal resistance, junction-to-ambient (Note 3)
RθJA
120
°C/W
Maximum instantaneous forward voltage at 25A for
unidirectional only (Note 4)
VF
3.5 / 5.0
V
Operating junction and storage temperature range
TJ;TSTG
-55 ~ +150
°C
Notes: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2. Rating is 300W above78V.
2.Mounted on 0.2”×0.2” (5mm×5mm) copper pads to each terminal.
3.Mounted on minimum recommended pad layout.
4.VF<3.5V for devices of VBR<200V and VF<5V for devices of VBR>201V.


Số phần tương tự - SMAJ220A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Socay Electornics Co., ...
SMAJ220A SOCAY-SMAJ220A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ220A LITTELFUSE-SMAJ220A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
SMAJ220A LUGUANG-SMAJ220A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ220A SOCAY-SMAJ220A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Formosa MS
SMAJ220A FORMOSA-SMAJ220A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
More results

Mô tả tương tự - SMAJ220A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com