công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TIP50J3 bảng dữ liệu(PDF) 2 Page - Cystech Electonics Corp.

tên linh kiện TIP50J3
Giải thích chi tiết về linh kiện  High Voltage NPN Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP50J3 bảng dữ liệu(HTML) 2 Page - Cystech Electonics Corp.

  TIP50J3 Datasheet HTML 1Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 2Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 3Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 4Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 5Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 6Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C827J3
Issued Date : 2010.03.16
Revised Date : 2013.12.19
Page No. : 2/7
TIP50J3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
700
Collector-Emitter Voltage
VCEO
400
Emitter-Base Voltage
VEBO
9
V
Collector Current (DC)
IC
1.5
Collector Current (Pulse)
ICM
3
(Note 1)
Base Current (DC)
IB
0.5
Base Current (Pulse)
IBM
1.5 (Note 1)
A
Power Dissipation @ TA=25°C
1.56 (Note 2)
Power Dissipation @ TC=25°C
PD
15
W
Thermal Resistance, Junction to Ambient
RθJA
80 (Note 2)
Thermal Resistance, Junction to Case
RθJC
8.33
°C/W
Operating Junction Temperature Range
Tj
-55~+150
°C
Storage Temperature Range
Tstg
-65~+150
°C
Note : 1. Pulse test, PW ≤ 5ms.
2. When the device is mounted on a FR-4 PCB with minimum pad size recommended.
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
700
-
-
V
IC=100μA
BVCEO
400
-
-
V
IC=10mA
BVEBO
9
-
-
V
IE=100μA
ICBO
-
-
10
μA
VCB=700V, IE=0
IEBO
-
-
10
μA
VEB=9V, IC=0
*VCE(SAT)
-
-
0.3
V
IC=500mA, IB=100mA
*VCE(SAT)
-
-
0.5
V
IC=1 A, IB=200mA
*VCE(SAT)
-
-
0.8
V
IC=1.5 A, IB=500mA
*RCE(SAT)
-
-
0.5
Ω
IC=1 A, IB=200mA
*VBE(SAT)
-
-
1.2
V
IC=1 A, IB=200mA
*VBE(ON)
-
-
1.2
V
VCE=10V, IC=1A
*hFE 1
50
-
100
-
VCE=10V, IC=300mA
*hFE 2
10
-
-
-
VCE=10V, IC=1A
fT
10
-
-
MHz
VCE=10V, IC=100mA, f=100MHz
Cob
-
21
-
pF
VCB=10V, IE=0A, f=1MHz
ton
-
1.1
-
tstg
-
-
4
tf
-
-
0.7
μs
VCC=125V, RL=125Ω,IC=1A, IB1=-IB2=0.2A
*Pulse Test: Pulse Width
≤380μs, Duty Cycle≤2%


Số phần tương tự - TIP50J3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
   POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Rectron Semiconductor
TIP50 RECTRON-TIP50 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
More results

Mô tả tương tự - TIP50J3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
   High voltage NPN power transistor
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
   High Voltage NPN Power Transistor
logo
STMicroelectronics
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
   HIGH VOLTAGE NPN POWER TRANSISTOR
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
   NPN high voltage Power transistor
February 1999 Rev 1.000
logo
Cystech Electonics Corp...
TIP50I3 CYSTEKEC-TIP50I3 Datasheet
269Kb / 6P
   High Voltage NPN Power Transistor
logo
STMicroelectronics
STD616A-1 STMICROELECTRONICS-STD616A-1 Datasheet
42Kb / 5P
   HIGH VOLTAGE NPN POWER TRANSISTOR
BUXD87 STMICROELECTRONICS-BUXD87 Datasheet
202Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
2ST501T STMICROELECTRONICS-2ST501T Datasheet
154Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
logo
ON Semiconductor
BUT11AF ONSEMI-BUT11AF Datasheet
60Kb / 8P
   High Voltage NPN Power Transistor
March, 2001 ??Rev. 4
logo
Seme LAB
2N6678 SEME-LAB-2N6678 Datasheet
28Kb / 2P
   HIGH VOLTAGE NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com