công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TIP50I3 bảng dữ liệu(PDF) 6 Page - Cystech Electonics Corp.

tên linh kiện TIP50I3
Giải thích chi tiết về linh kiện  High Voltage NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP50I3 bảng dữ liệu(HTML) 6 Page - Cystech Electonics Corp.

  TIP50I3 Datasheet HTML 1Page - Cystech Electonics Corp. TIP50I3 Datasheet HTML 2Page - Cystech Electonics Corp. TIP50I3 Datasheet HTML 3Page - Cystech Electonics Corp. TIP50I3 Datasheet HTML 4Page - Cystech Electonics Corp. TIP50I3 Datasheet HTML 5Page - Cystech Electonics Corp. TIP50I3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C827I3
Issued Date : 2013.01.04
Revised Date :
Page No. : 6/6
TIP50I3
CYStek Product Specification
TO-251S Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.256
0.264
6.500
6.700
K
0.138 REF
3.500 REF
B
0.201
0.215
5.100
5.460
L
0.036
0.046
0.910
1.110
C
0.409
0.433
10.400
11.000
L2
0.063 REF
1.600 REF
E
0.026
0.034
0.660
0.860
M
0.018
0.023
0.460
0.580
F
0.086
0.094
2.186
2.386
S
0.190 REF
4.830 REF
H
0.018
0.023
0.460
0.580
T
0.211 REF
5.350 REF
h
0.000
0.012
0.000
0.300
U
0.070 REF
1.780 REF
I
0.087
0.094
2.200
2.400
V
0.030 REF
0.760 REF
J
0.236
0.244
6.000
6.200
Φ
0.043
0.051
1.100
1.300
Notes: 1.Controlling dimension: inch.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking :
Style : Pin 1. Base 2. Collector 3. Emitter
3-Lead TO-251S Plastic Package
CYStek Package Code: I3
Device Name
Date
Code
TIP50
□□


Số phần tương tự - TIP50I3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
   POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Rectron Semiconductor
TIP50 RECTRON-TIP50 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
More results

Mô tả tương tự - TIP50I3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
   High voltage NPN power transistor
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
   High Voltage NPN Power Transistor
logo
STMicroelectronics
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
   HIGH VOLTAGE NPN POWER TRANSISTOR
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
   NPN high voltage Power transistor
February 1999 Rev 1.000
logo
STMicroelectronics
STD616A-1 STMICROELECTRONICS-STD616A-1 Datasheet
42Kb / 5P
   HIGH VOLTAGE NPN POWER TRANSISTOR
BUXD87 STMICROELECTRONICS-BUXD87 Datasheet
202Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
2ST501T STMICROELECTRONICS-2ST501T Datasheet
154Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
logo
ON Semiconductor
BUT11AF ONSEMI-BUT11AF Datasheet
60Kb / 8P
   High Voltage NPN Power Transistor
March, 2001 ??Rev. 4
logo
Seme LAB
2N6678 SEME-LAB-2N6678 Datasheet
28Kb / 2P
   HIGH VOLTAGE NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com