công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM-145-AMC-145 bảng dữ liệu(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện AM-145-AMC-145
Giải thích chi tiết về linh kiện  High Performance Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-145-AMC-145 bảng dữ liệu(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-145-AMC-145 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-145-AMC-145 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-145-AMC-145 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Performance Amplifier,
11 dB Gain, 10 - 1000 MHz
Rev. V4
AM-145 / AMC-145
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2,3 TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
10.1
10.7
11.3
Frequency Response
dB
±1.0
Gain Variation with
Temperature
dB
±1.0,-0.8
1 dB Compression
Output Power
dBm
dBm
+14
+17
Noise Figure
dB
dB
5.5
4.0
Reverse Transmission
dB
-13.5
-11.0
VSWR
Ratio
Ratio
3:1
2:1
Output IP2
Two-Tone inputs up to +5 dBm
dBm
+38
Output IP3
Two-Tone inputs up to +4 dBm
dBm
+26
Vbias
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
50
60
Power Dissipation
@ +15 V Bias
mW
750
Frequency
300 MHz
10 - 1000 MHz
10 - 1000 MHz
10 - 1000 MHz
100 - 1000 MHz
10 - 1000 MHz
10 - 500 MHz
10 - 1000 MHz
10 - 1000 MHz
10 - 500 MHz
10 - 1000 MHz
10 - 1000 MHz
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 0.8W must be provided
in use.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
10
0.03/59.0
3.53/-160.8
0.21/-168.6
0.04/60.4
20
0.02/107.8
3.42/-171.3
0.22/-175.4
0.04/94.5
50
0.03/81.9
3.43/179.0
0.22/177.3
0.04/83.4
100
0.04/55.5
3.47/171.3
0.22/170.1
0.05/61.5
200
0.07/30.2
3.48/157.2
0.22/157.5
0.08/36.2
400
0.10/-18.6
3.50/131.8
0.22/134.3
0.11/-1.5
600
0.14/-64.1
3.54/106.9
0.23/111.8
0.14/-32.1
800
0.17/-115.9
3.49/82.1
0.23/90.6
0.16/-62.0
1000
0.21/162.9
3.51/55.5
0.23/69.3
0.18/-89.9
S-Parameter Data


Số phần tương tự - AM-145-AMC-145

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
AM-145-AMC-145 MA-COM-AM-145-AMC-145_15 Datasheet
89Kb / 3P
   High Performance Amplifier
More results

Mô tả tương tự - AM-145-AMC-145

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
AM-123-AMC-123 MA-COM-AM-123-AMC-123 Datasheet
118Kb / 3P
   High Performance Amplifier
AM-146 MA-COM-AM-146_15 Datasheet
472Kb / 4P
   High Performance Amplifier
AM-123-AMC-123 MA-COM-AM-123-AMC-123_15 Datasheet
118Kb / 3P
   High Performance Amplifier
AM-119-AMC-119 MA-COM-AM-119-AMC-119_15 Datasheet
81Kb / 3P
   High Performance Amplifier
AMC-123_V4 MA-COM-AMC-123_V4 Datasheet
118Kb / 3P
   High Performance Amplifier
AM-146-AMC-146 MA-COM-AM-146-AMC-146_15 Datasheet
78Kb / 3P
   High Performance Amplifier
AM-119-AMC-119 MA-COM-AM-119-AMC-119 Datasheet
81Kb / 3P
   High Performance Amplifier
AM-146-AMC-146 MA-COM-AM-146-AMC-146 Datasheet
78Kb / 3P
   High Performance Amplifier
AM-145-AMC-145 MA-COM-AM-145-AMC-145_15 Datasheet
89Kb / 3P
   High Performance Amplifier
logo
API Technologies Corp
MN2200 APITECH-MN2200 Datasheet
1Mb / 6P
   High-performance Instrumentation Amplifier
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com