công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM-131-PIN bảng dữ liệu(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện AM-131-PIN
Giải thích chi tiết về linh kiện  Product Type: Broadband RF Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-131-PIN bảng dữ liệu(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-131-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-131-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Product Type: Broadband RF Amplifier
Frequency: 5 to 500 MHz
Rev. V4
AM-131-PIN
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Product Image
Features
• HIGH DYNAMIC RANGE: +116 dBm (1 MHz Band)
• HIGH OUTPUT POWER: +19 dBm (TYP.)
• HIGH THIRD ORDER I.P. + 34.0 dBm (TYP.)
• LOW NOISE: 4.0 dB (TYP.)
Description
The AM-131-PIN RF amplifier is a discrete thin film hybrid
design, which incorporates the use of thin film manufacturing
processes for accurate performance and high reliability. This
single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. An active DC biasing network is used for
temperature-stable performance, in addition to an RF Choke,
used for power supply decoupling.
Ordering Information
Part Number
Package
AM-131 PIN 4
TO-8-1
4. Mounting kit part number AU00071 required for PCB applications.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-500
5-500
5-500
Small Signal Gain (min)
dB
11.5
10.0
9.5
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
16
Noise Figure (max)
dB
4.0
5.0
5.5
Power Output
@ 1 dB comp. (min)
dBm
19.0
18.0
17.5
IP3
dBm
+34
IP2
dBm
+48
Second Order Harmonic IP
dBm
+54
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
65
69
72
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
75ºC/W
Transistor Power Dissipation Pd
0.651 W
Junction Temperature Rise Above
Case Tjc
49ºC


Số phần tương tự - AM-131-PIN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
AM-131-PIN MA-COM-AM-131-PIN Datasheet
126Kb / 2P
   Product Type: Broadband RF Amplifier Frequency: 5 to 500 MHz
AM-131-PIN MA-COM-AM-131-PIN_15 Datasheet
502Kb / 3P
   Broadband RF Amplifier
More results

Mô tả tương tự - AM-131-PIN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
AM-131-PIN MA-COM-AM-131-PIN Datasheet
126Kb / 2P
   Product Type: Broadband RF Amplifier Frequency: 5 to 500 MHz
AM-131-PIN MA-COM-AM-131-PIN_15 Datasheet
502Kb / 3P
   Broadband RF Amplifier
logo
Siemens Semiconductor G...
BFX89 SIEMENS-BFX89 Datasheet
60Kb / 3P
   NPN SILICON TRANSISTOR FOR RF BROADBAND AMPLIFIER
logo
Infineon Technologies A...
BGB741L7ESD INFINEON-BGB741L7ESD_12 Datasheet
1Mb / 22P
   Robust Low Noise Broadband RF Amplifier MMIC
Revision 2.0, 2012-09-10
logo
List of Unclassifed Man...
BBA-322-A ETC-BBA-322-A Datasheet
108Kb / 8P
   GENERAL-PURPOSE BROADBAND RF AMPLIFIER DATA GUIDE
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
BOWEI Integrated Circui...
HE390A BOWEI-HE390A Datasheet
104Kb / 1P
   Broadband Amplifier
HE393A BOWEI-HE393A Datasheet
109Kb / 1P
   Broadband Amplifier
HE403B BOWEI-HE403B Datasheet
77Kb / 1P
   Broadband Amplifier
HE382B BOWEI-HE382B Datasheet
109Kb / 1P
   Broadband Amplifier
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com