công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM12 bảng dữ liệu(PDF) 1 Page - Union Semiconductor, Inc.

tên linh kiện SM12
Giải thích chi tiết về linh kiện  Low Capacitance Dual Line ESD Protection Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UNIONSEMI [Union Semiconductor, Inc.]
Trang chủ  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

SM12 bảng dữ liệu(HTML) 1 Page - Union Semiconductor, Inc.

  SM12 Datasheet HTML 1Page - Union Semiconductor, Inc. SM12 Datasheet HTML 2Page - Union Semiconductor, Inc. SM12 Datasheet HTML 3Page - Union Semiconductor, Inc. SM12 Datasheet HTML 4Page - Union Semiconductor, Inc. SM12 Datasheet HTML 5Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jul.2012
1/5
SM12/SM15
Low Capacitance Dual Line ESD Protection Diode Array
SM12/SM15 SOT23-3
General Description
The SM12/SM15 of transient voltage suppressors (TVS) are designed to protect components
which are connected to data and transmission lines from voltage surges caused by electrostatic
discharge (ESD). TVS diodes are characterized by their high surge capability, low operating and
clamping voltages, and fast response time. This makes them ideal for use as board level protection
of sensitive semiconductor components. The dual-junction common-anode design allows the user
to protect one bidirectional data line or two unidirectional lines. The low profile SOT23-3 package
allows flexibility in the design of “crowded” circuit boards. The SM12/SM15 will meet the surge
requirements of IEC 61000-4-2 (Formerly IEC801-2), Level 4, “Human Body Model” for air and
contact discharge.
Applications
Features
Cellular Handsets and Accessories
Portable Electronics
Industrial Controls
Set-Top Box
Servers, Notebook, and Desktop PC
Transient protection for data & power lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV
(contact)
Protects one bidirectional line or two
unidirectional lines
Working Voltages: 12V (SM12)
15V (SM15)
Low clamping voltage
Solid-state silicon avalanche technology
Pin Configurations
Top View
M: Month Code
SM12
SOT23-3
M: Month Code
SM15
SOT23-3


Số phần tương tự - SM12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SM12 SEMTECH-SM12 Datasheet
171Kb / 7P
   TVS Diode Array
logo
SHIKUES Electronics
SM12 SKTECHNOLGY-SM12 Datasheet
520Kb / 3P
   5V~12Volts ESD Protection Devices
logo
Micro Commercial Compon...
SM12 MCC-SM12 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
SAMYANG ELECTRONICS CO....
SM12 SAMYANG-SM12 Datasheet
1Mb / 3P
   ESD PROTECTION
logo
Microsemi Corporation
SM12 MICROSEMI-SM12 Datasheet
138Kb / 2P
   TVSarray Series
More results

Mô tả tương tự - SM12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Union Semiconductor, In...
SM12 UNIONSEMI-SM12_16 Datasheet
154Kb / 5P
   Low Capacitance Dual Line ESD Protection Diode Array
SM05 UNIONSEMI-SM05_16 Datasheet
292Kb / 6P
   Low Capacitance Quad Line ESD Protection Diode Array
UESD6V8L1F UNIONSEMI-UESD6V8L1F Datasheet
217Kb / 7P
   Low Capacitance Single Line ESD Protection Diode Array
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
   LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
logo
Vishay Siliconix
GMF05MC VISHAY-GMF05MC Datasheet
147Kb / 4P
   Low Capacitance ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
Union Semiconductor, In...
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
   Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062 Datasheet
194Kb / 6P
   Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062_16 Datasheet
202Kb / 6P
   Dual Line ESD Protection Diode Array
UM5082 UNIONSEMI-UM5082 Datasheet
165Kb / 5P
   Dual Line ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com