công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRF1324SLPBF bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện IRF1324SLPBF
Giải thích chi tiết về linh kiện  High Efficiency Synchronous Rectification in SMPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF1324SLPBF bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  IRF1324SLPBF Datasheet HTML 1Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 2Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 3Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 4Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 5Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 6Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 7Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 8Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
09/24/09
www.irf.com
1
HEXFET® Power MOSFET
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
S
D
G
GD
S
Gate
Drain
Source
PD - 97353A
IRF1324SPbF
IRF1324LPbF
D2Pak
IRF1324SPbF
TO-262
IRF1324LPbF
G
D
S
GD
S
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
f
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
IAR
Avalanche Current
Ãd
A
EAR
Repetitive Avalanche Energy
g
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
0.50
°C/W
RθJA
Junction-to-Ambient (PCB Mounted, steady-state)
jk
–––
40
270
See Fig. 14, 15, 22a, 22b
300
0.46
A
°C
300
-55 to + 175
± 20
2.0
Max.
340
240
1420
195
VDSS
24V
RDS(on) typ.
1.3m
max.
1.65m
ID (Silicon Limited)
340Ac
ID (Package Limited)
195A


Số phần tương tự - IRF1324SLPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF1324S-7PPBF IRF-IRF1324S-7PPBF Datasheet
280Kb / 9P
   HEXFET Power MOSFET
IRF1324S-7PPBF IRF-IRF1324S-7PPBF Datasheet
266Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRF1324S-7PPBF INFINEON-IRF1324S-7PPBF Datasheet
711Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
2015-10-15
logo
International Rectifier
IRF1324S-7PPBF IRF-IRF1324S-7PPBF_15 Datasheet
266Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRF1324SPBF IRF-IRF1324SPBF Datasheet
526Kb / 10P
   HEXFET Power MOSFET
More results

Mô tả tương tự - IRF1324SLPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com