công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMBD7000-7 bảng dữ liệu(PDF) 1 Page - Diodes Incorporated |
|
MMBD7000-7 bảng dữ liệu(HTML) 1 Page - Diodes Incorporated |
1 / 2 page DS12025 Rev. 3 - 2 1 of 2 MMBD7000 MMBD7000 DUAL SURFACE MOUNT SWITCHING DIODE · Case: SOT-23, Molded Plastic · Case material - UL Flammability Rating Classification 94V-0 · Moisture sensitivity: Level 1 per J-STD-020A · Terminals: Solderable per MIL-STD-202, Method 208 · Polarity: See Diagram · Marking: KJH (See Page 2) · Weight: 0.008 grams (approx.) Mechanical Data A E J L TOP VIEW M B C H G D D K Features Characteristic Symbol MMBD7000 Unit Non-Repetitive Peak Reverse Voltage VRM 100 V Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 75 V RMS Reverse Voltage VR(RMS) 53 V Forward Continuous Current (Note 1) IFM 300 mA Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0s IFSM 2.0 1.0 A Power Dissipation (Note 1) Pd 350 mW Thermal Resistance Junction to Ambient Air (Note 1) RqJA 357 ° C/W Operating and Storage Temperature Range Tj , TSTG -65 to +150 ° C Maximum Ratings @ TA = 25°C unless otherwise specified Notes: 1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. Characteristic Symbol Min Max Unit Test Condition Reverse Breakdown Voltage (Note 2) V(BR)R 75 ¾ V IR = 100mA Forward Voltage (Note 2) VF 0.55 0.67 0.75 ¾ 0.70 0.82 1.10 1.25 V IF = 1.0mA IF = 10mA IF = 50mA IF = 150mA Reverse Current (Note 2) IR ¾ 1.0 3.0 100 25 m A m A m A nA VR = 50V VR = 100V VR = 50V, Tj = 125°C VR = 20V Total Capacitance CT ¾ 2.0 pF VR = 0, f = 1.0MHz Reverse Recovery Time trr ¾ 4.0 ns IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W Electrical Characteristics @ T A = 25°C unless otherwise specified · Fast Switching Speed · Surface Mount Package Ideally Suited for Automatic Insertion · For General Purpose Switching Applications · High Conductance SOT-23 Dim Min Max A 0.37 0.51 B 1.20 1.40 C 2.30 2.50 D 0.89 1.03 E 0.45 0.60 G 1.78 2.05 H 2.80 3.00 J 0.013 0.10 K 0.903 1.10 L 0.45 0.61 M 0.85 0.80 a 0° 8° All Dimensions in mm |
Số phần tương tự - MMBD7000-7 |
|
Mô tả tương tự - MMBD7000-7 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |