công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRF2805STRLPBF bảng dữ liệu(PDF) 1 Page - International Rectifier

tên linh kiện IRF2805STRLPBF
Giải thích chi tiết về linh kiện  Industrial Motor Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRF2805STRLPBF bảng dữ liệu(HTML) 1 Page - International Rectifier

  IRF2805STRLPBF Datasheet HTML 1Page - International Rectifier IRF2805STRLPBF Datasheet HTML 2Page - International Rectifier IRF2805STRLPBF Datasheet HTML 3Page - International Rectifier IRF2805STRLPBF Datasheet HTML 4Page - International Rectifier IRF2805STRLPBF Datasheet HTML 5Page - International Rectifier IRF2805STRLPBF Datasheet HTML 6Page - International Rectifier IRF2805STRLPBF Datasheet HTML 7Page - International Rectifier IRF2805STRLPBF Datasheet HTML 8Page - International Rectifier IRF2805STRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
135
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
96
†
A
IDM
Pulsed Drain Current

700
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
380
mJ
EAS (6 sigma)
Single Pulse Avalanche Energy Tested Value
ˆ
1220
IAR
Avalanche Current

See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
‡
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
2.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
HEXFET® Power MOSFET
Absolute Maximum Ratings
VDSS = 55V
RDS(on) = 4.7mΩ
ID = 135A
†
07/22/10
www.irf.com
1
HEXFET(R) is a registered trademark of International Rectifier.
Description
This HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low on-
resistance per silicon area. Additional features of this
product are a 175°C junction operating temperature,
fastswitchingspeedandimprovedrepetitiveavalanche
rating . These features combine to make this design
an extremely efficient and reliable device for use in a
wide variety of applications.
S
D
G
Typical Applications
l
Industrial Motor Drive
IRF2805SPbF
IRF2805LPbF
D2Pak
IRF2805SPbF
TO-262
IRF2805LPbF
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθJA
Junction-to-Ambient(PCB Mounted, steady state)**
–––
40
°C/W
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
PD - 95944A


Số phần tương tự - IRF2805STRLPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF2805S IRF-IRF2805S Datasheet
224Kb / 11P
   AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRF2805S ISC-IRF2805S Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF2805SPBF IRF-IRF2805SPBF Datasheet
306Kb / 11P
   HEXFET Power MOSFET
IRF2805SPBF IRF-IRF2805SPBF Datasheet
337Kb / 11P
   Advanced Process Technology
IRF2805SPBF IRF-IRF2805SPBF_15 Datasheet
337Kb / 11P
   Advanced Process Technology
More results

Mô tả tương tự - IRF2805STRLPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRD3CH9DB6 IRF-IRD3CH9DB6 Datasheet
218Kb / 6P
   Industrial Motor Drive
IRGB4715DPBF IRF-IRGB4715DPBF Datasheet
657Kb / 12P
   Industrial Motor Drive
IRD3CH16DB6 IRF-IRD3CH16DB6 Datasheet
235Kb / 6P
   Industrial Motor Drive
IRD3CH42DB6 IRF-IRD3CH42DB6 Datasheet
187Kb / 6P
   Industrial Motor Drive
IRD3CH5DB6 IRF-IRD3CH5DB6 Datasheet
220Kb / 6P
   Industrial Motor Drive
IRGR4607DPBF IRF-IRGR4607DPBF Datasheet
838Kb / 16P
   Industrial Motor Drive
IRD3CH24DB6 IRF-IRD3CH24DB6 Datasheet
186Kb / 6P
   Industrial Motor Drive
IRD3CH31DB6 IRF-IRD3CH31DB6 Datasheet
217Kb / 6P
   Industrial Motor Drive
IRD3CH53DB6 IRF-IRD3CH53DB6 Datasheet
220Kb / 6P
   Industrial Motor Drive
IRGP4660DPBF IRF-IRGP4660DPBF Datasheet
348Kb / 12P
   INDUSTRIAL MOTOR DRIVE, INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com