công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DZN-2R5D475H5T bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers |
|
DZN-2R5D475H5T bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page Marking color : White print on a blue sleeve ● Low internal resistance allows boosting charge and heavy-current discharge. (ampere level) ● Pollution-Free ; with no pollutants such as Cd or Pb. ● Unlike batteries, excellent charge and discharge characteristics with no chemical reaction Outline Drawing Unit : mm Specifications Item Performance Tolerance at rated capacitance (%) Internal resistance at 1 kHz Characteristics at high and low temperature Endurance (70℃) Shelf life (70℃) Test time : 1000 hours ; Same as endurance. ー25 to +70 ー20 to +80 Percentage of capacitance change Internal resistance Within ±30% of the value at 20℃ Less than five times of the value at 20℃ Test time Percentage of capacitance change Internal resistance 1000 hours Within ±30% of the initial measured value Less than four times of the initial specified value Category temperature range (℃) Applicable standards Conforms to JIS C5160-1 2009 (IEC 62391-1 2006) Refer to the following page L+αmax. 15min. Sleeve L+2max. Sleeve Vent 1.5±0.1 6.3±1 Lug terminal details 0.9±0.1 Thickness : 0.8t Position of printed circuit board holes (‒) Negative terminal indicated by cross notching 2.1 2‒φ2 Markings φ6.3 to φ18 5 min. φd±0.05 copper clad steel wire (tinned) φ25, 35 8 3.5 6.3 2.5 φD F φd α 10 12.5 5.0 18 16 7.5 0.8 2.0 0.6 Part numbering system (example : 2.5V10F) ̶ DZN Series code 2R5 Rated voltage symbol 106 Rated capacitance symbol T (H8) Casing symbol D Terminal code Part number is refer to the following page. 204 CAT.No.2013/2014E NOTE Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. ® DZN ELECTRIC DOUBLE LAYER CAPACITORS “DYNACAP” |
Mô tả tương tự - DZN-2R5D475H5T |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |