công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DZN-2R5D904F4T bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện DZN-2R5D904F4T
Giải thích chi tiết về linh kiện  High power type Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

DZN-2R5D904F4T bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  DZN-2R5D904F4T Datasheet HTML 1Page - List of Unclassifed Manufacturers DZN-2R5D904F4T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.No.2013/2014E
Standard Ratings (Series DZ 2.5V)
Max. operating voltage (V) Rated capacitance (F) Max. Leakage Current (mA) after 24h
ELNA Parts No.
φD×L (mm)
Internal resistance
(Ω max.) at 1kHz
Internal resistance (mΩ)
at 1kHz (measurement value)
2.5
0.7
0.1
DZN-2R5D704G4T
8.0×15.0
0.4
200
2.5
0.9
0.1
DZN-2R5D904F4T
6.3×14.0
0.4
300
2.5
1.0
0.1
DZN-2R5D105G3T
8.0×12.0
0.3
150
2.5
1.0
0.1
DZN-2R5D105G4T
8.0×15.0
0.3
150
2.5
1.0
0.1
DZN-2R5D105T
8.0×22.0
0.3
120
2.5
2.7
0.2
DZN-2R5D275G5T
8.0×22.0
0.3
120
2.5
3.3
0.2
DZN-2R5D335H5T
10.0×20.0
0.2
60
2.5
3.3
0.2
DZN-2R5D335T
12.5×23.0
0.2
60
2.5
4.7
0.3
DZN-2R5D475H5T
10.0×20.0
0.1
70
2.5
4.7
0.3
DZN-2R5D475T
12.5×31.5
0.1
35
2.5
6.8
0.4
DZN-2R5D685H7T
10.0×30.0
0.1
40
2.5
10
0.5
DZN-2R5D106H8T
10.0×35.0
0.1
35
2.5
10
0.5
DZN-2R5D106Z8T
12.5×36.5
0.1
30
2.5
10
0.5
DZN-2R5D106T
18.0×35.0
0.1
25
2.5
15
0.7
DZN-2R5D156J5T
16.0×20.0
0.1
30
2.5
20
0.8
DZN-2R5D206K8T
18.0×35.0
0.1
25
2.5
20
0.8
DZN-2R5D206T
18.0×40.0
0.1
20
2.5
22
0.8
DZN-2R5D226J6T
16.0×25.0
0.1
25
2.5
30
0.8
DZN-2R5D306K9T
18.0×40.0
0.1
25
2.5
33
0.8
DZN-2R5D336J8T
16.0×35.5
0.1
25
2.5
50
1.0
DZN-2R5D506T
25.0×40.0
0.03
15
2.5
100
1.0
DZN-2R5D107S37T
25.0×50.0
0.03
15
2.5
100
1.0
DZN-2R5D107T
35.0×50.0
0.03
8
2.5
200
2.0
DZN-2R5D207S57T
35.0×50.0
0.03
8
We tailor packaged product in series and parallel arrangements according to voltage and capacitance as required.
Standard Ratings (Series DZ 2.7V)
Max. operating voltage (V) Rated capacitance (F) Max. Leakage Current (mA) after 24h
ELNA Parts No.
φD×L (mm)
Internal resistance
(Ω max.) at 1kHz
Internal resistance (mΩ)
at 1kHz (measurement value)
2.7
0.7
0.2
DZN-2R7D704G4T
8.0×15.0
0.4
200
2.7
0.9
0.2
DZN-2R7D904F4T
6.3×14.0
0.4
300
2.7
1.0
0.2
DZN-2R7D105G3T
8.0×12.0
0.3
150
2.7
1.0
0.2
DZN-2R7D105G4T
8.0×15.0
0.3
150
2.7
1.0
0.2
DZN-2R7D105G5T
8.0×22.0
0.3
120
2.7
2.7
0.3
DZN-2R7D275G5T
8.0×22.0
0.3
120
2.7
3.3
0.3
DZN-2R7D335H5T
10.0×20.0
0.2
90
2.7
3.3
0.3
DZN-2R7D335Z6T
12.5×23.0
0.2
60
2.7
4.7
0.4
DZN-2R7D475H5T
10.0×20.0
0.1
70
2.7
4.7
0.4
DZN-2R7D475Z7T
12.5×31.5
0.1
35
2.7
6.8
0.5
DZN-2R7D685H7T
10.0×30.0
0.1
40
2.7
10
0.6
DZN-2R7D106H8T
10.0×35.0
0.1
35
2.7
10
0.6
DZN-2R7D106Z8T
12.5×36.5
0.1
30
2.7
10
0.6
DZN-2R7D106K8T
18.0×35.0
0.1
25
2.7
15
0.8
DZN-2R7D156J6T
16.0×25.0
0.1
40
2.7
20
1.0
DZN-2R7D206K8T
18.0×35.0
0.1
25
2.7
20
1.0
DZN-2R7D206K9T
18.0×40.0
0.1
25
2.7
22
1.0
DZN-2R7D226J7T
16.0×31.5
0.1
25
2.7
30
1.0
DZN-2R7D306K9T
18.0×40.0
0.1
25
2.7
33
1.0
DZN-2R7D336J9T
16.0×40.0
0.1
25
We tailor packaged product in series and parallel arrangements according to voltage and capacitance as required.
205
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
®
ELECTRIC DOUBLE LAYER CAPACITORS “DYNACAP”
DZN


Mô tả tương tự - DZN-2R5D904F4T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
DZ-2R5D105 ETC2-DZ-2R5D105 Datasheet
59Kb / 2P
   High Energy type Capacitors
logo
YAGEO Corporation
PNP300JR-73 YAGEO-PNP300JR-73 Datasheet
187Kb / 2P
   High Power Type
logo
Semtech Corporation
4020 SEMTECH-4020 Datasheet
95Kb / 2P
   HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Taiyo Yuden (U.S.A.), I...
UMK325AB7106KM-P TAIYO-YUDEN-UMK325AB7106KM-P Datasheet
438Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325BJ106MM-P TAIYO-YUDEN-UMK325BJ106MM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
EMK063BJ153MP-F TAIYO-YUDEN-EMK063BJ153MP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK105AC6105KV-F TAIYO-YUDEN-TMK105AC6105KV-F Datasheet
396Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK325ABJ476MM-P TAIYO-YUDEN-TMK325ABJ476MM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
EMK105CC6225KV-F TAIYO-YUDEN-EMK105CC6225KV-F Datasheet
408Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
JMK316BBJ227ML-TE TAIYO-YUDEN-JMK316BBJ227ML-TE Datasheet
408Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com