công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC7773N6 bảng dữ liệu(PDF) 7 Page - Cystech Electonics Corp.

tên linh kiện MC7773N6
Giải thích chi tiết về linh kiện  Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MC7773N6 bảng dữ liệu(HTML) 7 Page - Cystech Electonics Corp.

Back Button MC7773N6 Datasheet HTML 3Page - Cystech Electonics Corp. MC7773N6 Datasheet HTML 4Page - Cystech Electonics Corp. MC7773N6 Datasheet HTML 5Page - Cystech Electonics Corp. MC7773N6 Datasheet HTML 6Page - Cystech Electonics Corp. MC7773N6 Datasheet HTML 7Page - Cystech Electonics Corp. MC7773N6 Datasheet HTML 8Page - Cystech Electonics Corp. MC7773N6 Datasheet HTML 9Page - Cystech Electonics Corp. MC7773N6 Datasheet HTML 10Page - Cystech Electonics Corp. MC7773N6 Datasheet HTML 11Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C151N6
Issued Date : 2012.11.08
Revised Date :
Page No. : 7/11
MC7773N6
CYStek Product Specification
Built-in Slope Compensation and Frequency Shuffling
While MC7773N6 works in CCM mode, slope compensation and frequency shuffling is activated. The
sensed voltage across the sense resistor is used for pwm control, and pulse by pulse current limit, Built-in
slope compensation circuit adds a voltage ramp onto the current sense input voltage. This greatly improves
the close loop stability and prevents the sub-harmonic oscillation of peak current mode pwm control
scheme.
To improve the EMI performance, the frequency of CCM mode is shuffling to 65kHz ± 4%.
Line Slope Compensation
Adjusting the RSENSE can set the Max output power of the power supple mode. The current flowing by the
power MOSFET has an extra value due to the system delay T that the current detected from the sense pin to
power MOSFET cut off in the MC7773N6. To guarantee the output power is a constant for universal input
AC voltage, there is a positive ramp signal to compensate the system delay T and the line input. At lower
line-input voltage the higher OCP threshold will bring constant power OCP as below.
Leading Edge Blanking
Each time when the power MOSFET is switched on, a turn-on spike will inevitably occur on the
sense-resistor. To avoid premature termination of the switching pulse, a 300 nsec leading-edge blanking
time is built in. Conventional RC filtering can therefore be omitted. During this blanking period, the
current-limit comparator is disabled and it cannot switch off the gate driver.
Gate Driver
The output stage of MC7773N6 is a fast totem pole gate driver. Cross conduction has been avoided to
minimize heat dissipation, increases efficiency and enhances reliability. The output driver is clamped by an
internal 18V Zener diode in order to protect power MOSFET transistors against undesirable gate over
voltage. A soft driving waveform is implemented to minimize EMI.


Số phần tương tự - MC7773N6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results

Mô tả tương tự - MC7773N6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com