công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3265N6 bảng dữ liệu(PDF) 3 Page - Cystech Electonics Corp.

tên linh kiện MC3265N6
Giải thích chi tiết về linh kiện  Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MC3265N6 bảng dữ liệu(HTML) 3 Page - Cystech Electonics Corp.

  MC3265N6 Datasheet HTML 1Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 2Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 3Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 4Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 5Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 6Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 7Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 8Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C595N6
Issued Date : 2012.02.23
Revised Date :
Page No. : 3/12
MC3265N6
CYStek Product Specification
Pin Assignment
Pin Name
Pin Number
Pin Function
GND
1
Ground
FB
2
Feedback input pin. The PWM duty cycle is determined by voltage level into
this pin and the current-sense signal at Pin 6.
DEM
3
The ‘valley’ and output over voltage detect pin.
SENSE
4
Current sense input pin. Connected to MOSFET current sensing resistor node.
VDD
5
Chip DC power supply pin.
GATE
6
Totem-pole gate drive output for the power MOSFET.
Function Block Diagram
Absolute Maximum Ratings
Parameter
Value
Unit
VDD to GND
29
V
VDD clamped current
10
mA
VDD clamped voltage
29
V
VFB, VSENSE and VDEM to GND
-0.3~+7
V
Maximum Junction Temperature (Tj MAX)
150
°
C
Storage Temperature Range
-55 ~ +150
°
C
Note:Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.


Số phần tương tự - MC3265N6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATGBICS by Approved Tec...
MC3208011-SX-C ATGBICS-MC3208011-SX-C Datasheet
293Kb / 8P
   MC3208011-SX NVIDIA Mellanox Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
MC3208411-T-C ATGBICS-MC3208411-T-C Datasheet
195Kb / 7P
   MC3208411-T NVIDIA Mellanox Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
logo
List of Unclassifed Man...
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
More results

Mô tả tương tự - MC3265N6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com