công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM393P8 bảng dữ liệu(PDF) 6 Page - Cystech Electonics Corp.

tên linh kiện LM393P8
Giải thích chi tiết về linh kiện  Dual Differential Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM393P8 bảng dữ liệu(HTML) 6 Page - Cystech Electonics Corp.

  LM393P8 Datasheet HTML 1Page - Cystech Electonics Corp. LM393P8 Datasheet HTML 2Page - Cystech Electonics Corp. LM393P8 Datasheet HTML 3Page - Cystech Electonics Corp. LM393P8 Datasheet HTML 4Page - Cystech Electonics Corp. LM393P8 Datasheet HTML 5Page - Cystech Electonics Corp. LM393P8 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C545P8
Issued Date : 2010.12.20
Revised Date :
Page No. : 6/6
LM393P8
CYStek Product Specification
DIP-8 Dimension
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
DIP-8 Plastic Package
CYStek Package Code : P8
Marking:
Device
Name
LM393
□□□□
Date
Code
A
-
0.021
-
0.5334
c1
0.008
0.011
0.203
0.279
A1
0.015
-
0.381
-
D
0.355
0.400
9.017
10.16
A2
0.115
0.195
2.921
4.953
E
0.240
0.280
6.096
7.112
b
0.014
0.022
0.356
0.559
E1
0.300
0.325
7.620
8.255
b1
0.014
0.020
0.356
0.508
e
0.100 BSC
2.540BSC
b2
0.045
0.046
1.143
1.778
HE
-
0.430
-
10.92
b3
0.030
0.045
0.762
1.143
L
0.115
0.150
2.921
3.810
c
0.008
0.014
0.203
0.356
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Số phần tương tự - LM393P8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TAITRON Components Inco...
LM393P8-XX-AR TAITRON-LM393P8-XX-AR Datasheet
303Kb / 11P
   Voltage Comparator
LM393P8-XX-BL TAITRON-LM393P8-XX-BL Datasheet
303Kb / 11P
   Voltage Comparator
LM393P8-XX-TR30 TAITRON-LM393P8-XX-TR30 Datasheet
303Kb / 11P
   Voltage Comparator
LM393P8-XX-TR70 TAITRON-LM393P8-XX-TR70 Datasheet
303Kb / 11P
   Voltage Comparator
LM393P8-XX-TU TAITRON-LM393P8-XX-TU Datasheet
303Kb / 11P
   Voltage Comparator
More results

Mô tả tương tự - LM393P8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com