công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

J0G-0001NL bảng dữ liệu(PDF) 1 Page - Pulse A Technitrol Company

tên linh kiện J0G-0001NL
Giải thích chi tiết về linh kiện  Low Profile 1x1 Tab-Up
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSE [Pulse A Technitrol Company]
Trang chủ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J0G-0001NL bảng dữ liệu(HTML) 1 Page - Pulse A Technitrol Company

  J0G-0001NL Datasheet HTML 1Page - Pulse A Technitrol Company J0G-0001NL Datasheet HTML 2Page - Pulse A Technitrol Company J0G-0001NL Datasheet HTML 3Page - Pulse A Technitrol Company J0G-0001NL Datasheet HTML 4Page - Pulse A Technitrol Company J0G-0001NL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features and Benefits:
RoHS “
NL” peak solder rating 260°C
Low height and small footprint to minimize board space
Electrical Performance Summary:
Meets IEEE 802.3 specification
350µH minimum OCL with 8mA bias current
High performance for maximum EMI suppression
Mating Force
Unmating Force
Plug to Jack
Part Number
(MAX)
(MAX)
Durability
Retention (MIN)
J0G Series
5 lbs./2.268 kgs.
5 lbs./2.268 kgs.
750 Insertions
20 lbs./9.072 kgs.
RJ45 Durability Testing Rating
PulseJackTM
Low Profile 1x1 Tab-Up
Description:
10/100/1000 Base-T RJ45 single port (1x1) Tab-UP integrated magnetics connector, designed to support
applications, such as Network Interface Cards (NIC), LAN-on-Motherboard (LOM),
and PC applications.
www.pulseeng.com
Notes: 1. Connector dimensions comply with FCC dimension requirements.
2. MSL - Moisture Sensitivity Level class limits = 1 to 5 (Highest: 1; Lowest: 5).
Part
Shield
Contact
Housing
MSL2
Number Material
Finish
Material
Plating Area
Solder Area
Material
Specification
Rating
J0G
20-40µ inches thick nickel
Phosphor
15µ inches gold over
Tin matte finish
Series
Brass
over brass
Bronze
30-80µ inches nickel
Thermoplastic
UL 94 V-0
1
RJ45 Material Specification
Notes: 1. LEDs Left/Right: G = green; Y = yellow; Y-G = Bicolor.
2. J0G-0003NL is supplied without EMI tabs; refer to mechanical drawing (page 5) for explanation of EMI tabs.
Electrical Specifications @ 25°C — Operating Temperature 0°C to +70°C
USA 858 674 8100 Germany 49 7032 7806 0 Singapore 65 6287 8998 Shanghai 86 21 62787060 China 86 755 33966678 Taiwan 886 3 4643715
www.pulseeng.com
1
J423.B (10/09)
Insertion
Return Loss
Common
Loss
(dB TYP)
Crosstalk
Mode
Hipot
Part
Magnetics/
Speed
Side
TX/RX
100
W (
±15W)
(dB TYP)
Rejection
(MIN)
Number
Speed
EMI Tabs
(dB)
(dB TYP)
1-100
1-10
30
60-80
80-100
1-10
32-65
65-100
1-125
@60Hz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
1 MIN
J0G-0001NL
8 core / T/C
10/100/1000BT
Horizontal
-1.2
-18
-18
-12
-10
-40
-35
-30
-30
1500Vrms
J0G-0002NL
8 core / T/C
10/100/1000BT
Vertical
-1.0
-18
-18
-12
-10
-40
-35
-30
-30
1500Vrms
J0G-0003NL
8 core / T/C
10/100/1000BT
No Tabs
-1.0
-18
-18
-12
-10
-40
-35
-30
-30
1500Vrms
J0G-0007NL
4 core / C/T
10/100BT
Horizontal
-1.0
-18
-18
-12
-10
-40
-35
-30
-30
1500Vrms
J0G-0009NL
8 core / C/T
10/100/1000BT
Vertical
-1.0
-18
-18
-12
-10
-40
-35
-30
-30
1500Vrms


Số phần tương tự - J0G-0001NL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pulse A Technitrol Comp...
J0G-0001NL PULSE-J0G-0001NL Datasheet
1,008Kb / 5P
   Low Profile 1x1 Tab-Up
More results

Mô tả tương tự - J0G-0001NL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pulse A Technitrol Comp...
J423 PULSE-J423 Datasheet
1,008Kb / 5P
   Low Profile 1x1 Tab-Up
logo
VITALCONN ELECTRONICS H...
J11EG1113DP01 VITALCONN-J11EG1113DP01 Datasheet
1Mb / 3P
   TAB-UP 1X1 1000BASE
J11JG61P3DP01 VITALCONN-J11JG61P3DP01 Datasheet
2Mb / 3P
   Gigabit Tab UP 1X1 RJ45 CONNECTOR (Ultar Low Profile)
REV:A
logo
Pulse A Technitrol Comp...
J402 PULSE-J402 Datasheet
1Mb / 5P
   1x1 Tab-UP RJ45
logo
VITALCONN ELECTRONICS H...
J11SG0113DLA0 VITALCONN-J11SG0113DLA0 Datasheet
945Kb / 3P
   TAB-UP 1X1 1000BASE
REV: A
logo
Pulse A Technitrol Comp...
J437 PULSE-J437 Datasheet
740Kb / 5P
   1X1 Tab-Up RJ45
logo
VITALCONN ELECTRONICS H...
J11GH4003NPA0 VITALCONN-J11GH4003NPA0 Datasheet
541Kb / 4P
   TAB-UP 1X1 100BASE
REV: A
J11JE7Q3NP01 VITALCONN-J11JE7Q3NP01 Datasheet
396Kb / 4P
   10 Gigabit Tab UP 1X1 RJ45 CONNECTOR (Ultra Low Profile)
REV: A
logo
Pulse A Technitrol Comp...
JXR1-0015NL PULSE-JXR1-0015NL Datasheet
897Kb / 5P
   PulseJack??1X1 Tab-Up RJ45
logo
HALO Electronics, Inc.
HFJT1-10G06C3RL HALO-HFJT1-10G06C3RL Datasheet
402Kb / 2P
   1x1 Tab-Up 10G Integrated RJ45
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com