công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54-370-007 bảng dữ liệu(PDF) 6 Page - Spectrum Microwave, Inc.

tên linh kiện 54-370-007
Giải thích chi tiết về linh kiện  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPECTRUM [Spectrum Microwave, Inc.]
Trang chủ  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

54-370-007 bảng dữ liệu(HTML) 6 Page - Spectrum Microwave, Inc.

Back Button 54-370-007 Datasheet HTML 2Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 3Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 4Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 5Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 6Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 7Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 8Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 9Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 10Page - Spectrum Microwave, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
15
14
15
9
6
14
28
28
28
27
20
28
17
17
13
13
12
15
23
10
8
8
8
8
33
33
33
36
26
34
29
29
20
20
20
20
35
21
14
14
14
14
44
44
44
57
37
44
50
50
35
35
30
30
56
41
30
26
25
25
60
60
60
70
68
52
70
70
70
70
62
50
70
70
70
64
45
45
Minimum Insertion Loss (dB)
CKT
Min
Cap
µF
150
KHz
Part Number
.375 ø L Circuit Standard Product continued
¦ 9200-303-0095
51-353-101
51-353-109
51-353-120
9000-103-0019
SCI-2120-014
51-353-110
¦ 51-353-111
51-353-112
¦ 51-353-113
51-353-114
51-353-116
SCI-2320-010
SCI-2320-004
SCI-2320-005
SCI-2320-006
SCI-2320-007
SCI-2320-014
See
Pg. 88
for Fig
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
LB
LT
LT
LB
LT
LB
LT
LB
LT
LB
LT
LT
LB
LB
LB
LB
LB
LB
1.200
1.400
1.400
0.750
0.450
1.000
0.250
0.250
0.250
0.250
0.250
0.250
0.150
0.150
0.150
0.150
0.150
0.150
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
52
52
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
80
80
80
150
150
150
250
250
250
250
250
250
300
300
300
300
300
300
50
50
50
100
100
100
200
200
200
200
200
200
300
300
300
300
300
300
125
125
125
125
125
125
125
125
125
125
125
125
DC
AC
MIL
No
Max
L
0.450
0.450
0.450
0.758
0.758
0.450
0.758
0.758
0.758
0.758
0.758
0.450
0.758
0.758
0.758
0.758
0.450
0.450
(11.430)
(11.430)
(11.430)
(19.253)
(19.253)
(11.430)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(11.430)
(19.253)
(19.253)
(19.253)
(19.253)
(11.430)
(11.430)
In
(mm)
DCR
Max
Ohms
0.010
0.010
0.010
0.250
0.015
0.003
0.250
0.250
0.050
0.050
0.015
0.010
1.000
0.250
0.063
0.027
0.003
0.003
Thd
Lgth
B
A
B
A
B
B
A
A
A
A
A
A
B
A
A
A
A
B
I
Amp
10.00
10.00
10.00
1.00
5.00
10.00
1.00
1.00
3.00
3.00
5.00
10.00
0.50
1.00
2.00
3.00
10.00
10.00
85°C
125°C
Rated Voltage
DC
AC
12
11
10
15
15
15
15
14
15
15
15
6
6
6
6
6
36
26
24
28
28
28
28
28
28
28
28
23
17
17
20
17
48
36
32
31
31
33
31
34
31
33
33
34
23
23
26
23
69
55
48
42
42
44
42
44
42
44
44
55
35
35
35
35
70
70
70
56
56
60
56
52
56
64
64
70
69
69
60
69
Minimum Insertion Loss (dB)
CKT
Min
Cap
µF
150
KHz
Part Number
.375 ø L Circuit MIL Qualified Profile
51-390-018
51-390-026
51-390-034
¦ 51-353-067
51-353-207
51-444-072
¦ 51-353-066
51-353-287
¦ 51-444-060
¦ 51-343-028
¦ 51-343-034
51-353-053
¦ 51-353-054
¦ 51-353-055
51-353-155
51-444-039
See
Pg. 88
for Fig
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
LB
LB
LB
LB
LB
LT
LB
LT
LT
LB
LB
LB
LT
LB
LB
LT
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
0.450
0.450
0.450
0.450
0.450
70
70
70
70
70
70
70
70
70
70
70
70
70
70
60
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
80
80
80
80
50
50
50
50
50
50
50
50
50
50
50
100
100
100
100
100
DC
AC
M15733
MIL
No
23-0026
23-0038
23-0050
24-0006
34-0007
58-0002
24-0005
39-0014
24-0008
38-0002
38-0006
25-0003
25-0005
25-0008
39-0008
25-0017
Max
L
0.630
0.630
0.630
0.760
0.760
0.545
0.760
0.760
0.740
0.481
0.481
0.738
0.758
0.738
0.760
0.758
(16.002)
(16.002)
(16.002)
(19.304)
(19.304)
(13.843)
(19.304)
(19.304)
(18.796)
(12.217)
(12.217)
(18.745)
(19.253)
(18.745)
(19.304)
(19.253)
In
(mm)
DCR
Max
Ohms
0.360
0.140
0.070
0.010
0.010
0.008
0.010
0.003
0.010
0.008
0.008
0.250
0.015
0.015
0.015
0.015
Thd
Lgth
A
A
A
B
A
A
A
B
B
A
B
A
A
A
A
B
I
Amp
0.50
1.00
2.00
10.00
10.00
10.00
10.00
10.00
10.00
15.00
15.00
1.00
5.00
5.00
5.00
5.00
(See MIL index on pages 244-246 for
complete MIL part number listing)
¦ Also available through Spectrum Control’s authorized distributors.
Threaded
End
Threaded
End
L-C Filter LT
L-C Filter LB
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
91
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 27


Số phần tương tự - 54-370-007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
API Technologies Corp
54-370-007 APITECH-54-370-007 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Mô tả tương tự - 54-370-007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com