công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP235TX bảng dữ liệu(PDF) 2 Page - OPTEK Technologies

tên linh kiện OP235TX
Giải thích chi tiết về linh kiện  High Reliability Hermetic Infrared Emitting Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTEK [OPTEK Technologies]
Trang chủ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP235TX bảng dữ liệu(HTML) 2 Page - OPTEK Technologies

  OP235TX Datasheet HTML 1Page - OPTEK Technologies OP235TX Datasheet HTML 2Page - OPTEK Technologies OP235TX Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
03/09
Page 2 of 3
High Reliability Hermetic Infrared Emitting Diode
OP235, OP236 (TX, TXV)
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-65o C to +150o C
Operating Temperature Range
-55o C to +125o C
Reverse Voltage
2.0 V
Forward DC Current
100 mA
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(1)
Power Dissipation
200 mW(2)
Notes:
1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
2. Derate linearly 2.00 mW/° C above 25° C.
3. EE(APT) is a measurement of the average radiant intensity within the cone formed by the measurement surface, a radius of
1.429” (36.30 mm) measured from the lens side of the tab to the sensing surface and a sensing surface of 0.250” (6.35 mm) in
diameter forming a 10° cone. EE(APT) is not necessarily uniform within the measured area.
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
EE(APT)
Apertured Radiant Incidence
OP235 (TX, TXV)
OP236 (TX, TXV)
1.5
3.5
-
-
-
-
mW/cm2
IF = 100 mA
VF
Forward Voltage
1.1
1.3
0.9
-
-
-
2.0
2.2
1.8
V
IF = 100 mA
IF = 100 mA, TA = -55° C
IF = 100 mA, TA = 100° C
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
-
890
-
nm
IF = 100 mA
β
Spectral Bandwidth between
Half Power Points
-
50
-
nm
IF = 100 mA
θHP
Emission Angle at Half Power Points
-
18
-
Degree IF = 100 mA


Số phần tương tự - OP235TX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX Datasheet
225Kb / 2P
   Hi- Reliability GaAlAs Infrared Emitting Diodes
logo
TT Electronics.
OP235TX TTELEC-OP235TX Datasheet
640Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TXV OPTEK-OP235TXV Datasheet
225Kb / 2P
   Hi- Reliability GaAlAs Infrared Emitting Diodes
logo
TT Electronics.
OP235TXV TTELEC-OP235TXV Datasheet
640Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results

Mô tả tương tự - OP235TX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
OP235 TTELEC-OP235 Datasheet
640Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3