công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP166A bảng dữ liệu(PDF) 3 Page - OPTEK Technologies

tên linh kiện OP166A
Giải thích chi tiết về linh kiện  Plastic Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTEK [OPTEK Technologies]
Trang chủ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP166A bảng dữ liệu(HTML) 3 Page - OPTEK Technologies

  OP166A Datasheet HTML 1Page - OPTEK Technologies OP166A Datasheet HTML 2Page - OPTEK Technologies OP166A Datasheet HTML 3Page - OPTEK Technologies OP166A Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
05/2011
Page 3 of 4
Plastic Infrared Emitting Diode
OP165, OP166 Series
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
Apertured Radiant Incidence
OP165A, OP166A
1.95
-
-
mW/cm2
IF = 20 mA
(2)
PO
Radiant Power Output
OP165W, OP166W
0.50
-
-
mW
IF = 20 mA
VF
Forward Voltage
-
-
1.60
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR= 2 V
λP
Wavelength at Peak Emission
-
935
-
nm
IF = 10 mA
B
Spectral Bandwidth between Half Power
Points
-
50
-
nm
IF = 10 mA
∆λP /∆T
Spectral Shift with Temperature
OP165, OP166 (A, B, C, D)
OP165W, OP166W
-
-
-
±0.30
-
-
nm/°C IF = Constant
θHP
Emission Angle at Half Power Points
OP165, OP166 (A, B, C, D)
OP165W, OP166W
-
-
18
90
-
-
Degree IF = 20 mA
tr
Output Rise Time
-
1000
-
ns
tf
Output Fall Time
-
500
-
ns
IF(PK)=100 mA, PW=10 µs, D.C.=10.0%
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage and Operating Temperature Range
-40o C to +100o C
Reverse Voltage
2.0 V
Continuous Forward Current
50 mA
Peak Forward Current (1 µs pulse width, 300 pps)
3.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
Power Dissipation
100 mW(1)
Notes:
1. Derate linearly 1.33 mW/°C above 25°C
2. EE(APT) is a measurement of the average apertured rediant incidence
ipon a sensing area 0.081” (2.06 mm) in diameter, perpendicular to
and centered on the mechanical axis of the lens, and 0.590” (14.99
mm) from the measurement surface. EE(APT) is not necessarily
uniform within the measured areas.


Số phần tương tự - OP166A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OP166A OPTEK-OP166A Datasheet
383Kb / 2P
   GaAs Plastic Infrared Emitting Diodes
OP166A OPTEK-OP166A Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP166A TTELEC-OP166A Datasheet
1Mb / 4P
   Plastic Infrared Emitting Diode
More results

Mô tả tương tự - OP166A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com