công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPV382 bảng dữ liệu(PDF) 2 Page - OPTEK Technologies

tên linh kiện OPV382
Giải thích chi tiết về linh kiện  Vertical Cavity Surface Emitting Laser in Lateral Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTEK [OPTEK Technologies]
Trang chủ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV382 bảng dữ liệu(HTML) 2 Page - OPTEK Technologies

  OPV382_14 Datasheet HTML 1Page - OPTEK Technologies OPV382_14 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCSEL in Lateral Package
OPV382
OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage Temperature Range
-40
° to +100° C
Operating Temperature Range
0
° to +85° C
Lead Soldering Temperature [1/16 inch (1.6mm) from case for 5 sec with soldering iron]
260
° C(1)
Maximum Forward Peak Current, Continuous
12 mA
Maximum Reverse Voltage
5 V
Maximum Forward Current, pulsed (1µs P.W., 10% D.C.)
48 mA
NOTES:
(1)
RMA flux is recommended. Solder dwell time can be increased to 10 seconds when flow soldering.
(2)
Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 4 mA to 6 mA. Line 2 from 0 mA to 0.5 mA.
(3)
Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(4)
Slope efficiency, is the slope of the best fit LI line from 5 mA to 8 mA with 0.25mA test intervals.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
POT
Total Power Out
1.5
mW
IF = 7 mA
ITH
Threshold Current
3.0
mA
Note 2
VF
Forward Voltage
2.2
V
IF = 7 mA
IR
Reverse Current
100
nA
VR = 5 V
RS
Series Resistance
20
55
ohms
Note 3
η
Slope Efficiency
0.28
mW/mA
Note 4
λ
Wavelength
840
860
nm
Δλ
Optical Bandwidth
0.85
nm
θ
Beam Divergence
6
Degrees
FWHM
Δη/ΔT
Temp Coefficient of Slope Efficiency
-0.50
%/
°C
(0
° - 70°C), Note 4
Δλ/ΔT
Temp Coefficient of Wavelength
0.06
nm/
°C
(0
° - 70°C)
Δl
TH
Temp Variance of Threshold Current
±1.0
mA
(0
° - 70°C), Note 2
ΔV
F/ΔT
Temp Coefficient for Forward Voltage
-2.5
mV/
°C
(0
° - 70°C)
Issue 1.2 09.09
Page 2 of 2
Typical Angular Output
-30
0
0%
20%
40%
100%
Angular Displacement—Degrees
-90
60
90
Normalized Output Power vs.
Forward Current
0
2
4
6
8
10
12
Forward Current—mA
200%
100%
0%
Normalized at 7mA, 25°C
30
-60
60%
80%


Số phần tương tự - OPV382_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results

Mô tả tương tự - OPV382_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
OPTEK Technologies
OPV380 OPTEK-OPV380_14 Datasheet
182Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV280 OPTEK-OPV280 Datasheet
265Kb / 4P
   Vertical Cavity Surface Emitting Laser in Plastic Lateral Package
logo
TT Electronics.
OPV322 TTELEC-OPV322 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Pill Package
OPV330 TTELEC-OPV330 Datasheet
723Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
OPV332 TTELEC-OPV332 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com