công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPV322 bảng dữ liệu(PDF) 1 Page - OPTEK Technologies

tên linh kiện OPV322
Giải thích chi tiết về linh kiện  Vertical Cavity Surface Emitting Laser in Pill Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTEK [OPTEK Technologies]
Trang chủ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV322 bảng dữ liệu(HTML) 1 Page - OPTEK Technologies

  OPV322_14 Datasheet HTML 1Page - OPTEK Technologies OPV322_14 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
Non-contact position sensing
Photoelectric sensors
Optical encoders
Light curtains
Vertical Cavity Surface Emitting
Laser in Pill Package
OPV322
850nm VCSEL technology
High thermal stability
Low drive current
High output power
Narrow Beam Angle
The OPV322 is a Vertical Cavity Surface Emitting Laser (VCSEL) packaged in a dome lens pill package. VCSEL
offer many advantages in sensing applications when compared to infrared LEDs. These devices require substan-
tially lower drive currents to obtain the same amount of output power as LEDs. This feature allows VCSELs to be
used in low power consumption applications such as battery operated equipment.
The dome lens packaging creates a narrow beam angle from the device. Long distance applications may benefit
from this feature as secondary optics may be eliminated, reducing total system cost. The OPV322 is optically and
spectrally compatible with Optek’s standard detector products such as the OP600 series phototransistors, OP300
series photodarlingtons and the OP900 series photodiodes.
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
A subsidiary of
TT electronics plc
Additional laser safety information can be
found on the Optek website. See application
bulletin #221.
Classification is not marked on the device
due to space limitations. See package out-
line for centerline of optical radiance. Oper-
ating devices beyond maximum rating may
result in hazardous radiation exposure.
1
2
VCSEL
EMISSION DIRECTION
Pb
RoHS


Số phần tương tự - OPV322_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV322 OPTEK-OPV322 Datasheet
204Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
logo
TT Electronics.
OPV322 TTELEC-OPV322 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Pill Package
More results

Mô tả tương tự - OPV322_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
logo
TT Electronics.
OPV320 TTELEC-OPV320 Datasheet
185Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
logo
OPTEK Technologies
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV320 OPTEK-OPV320 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV322 OPTEK-OPV322 Datasheet
204Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
logo
TT Electronics.
OPV322 TTELEC-OPV322 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Pill Package
logo
OPTEK Technologies
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com