công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BD48K48G-TR bảng dữ liệu(PDF) 7 Page - Rohm |
|
BD48K48G-TR bảng dữ liệu(HTML) 7 Page - Rohm |
7 / 18 page Datasheet 7/15 BD48xxx series BD49xxx series TSZ02201-0R7R0G300030-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013.Rev.008 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Electrical Characteristics (Unless Otherwise Specified, Ta=-40 to 105°C) - continued Parameter Symbol Condition Limit Unit Min. Typ. Max. ‘Low’Output Voltage (Nch) VOL VDD=1.5V, ISINK = 0.4 mA, VDET=2.3-6.0V - - 0.5 V VDD=2.4V, ISINK = 2.0 mA, VDET=2.7-6.0V - - 0.5 ‘High’Output Voltage (Pch) (BD49Exxx Series) VOH VDD=4.8V, ISOURCE=0.7 mA, VDET(2.3V to 4.2V) VDD-0.5 - - V VDD=6.0V, ISOURCE=0.9 mA,VDET(4.3V to 5.2V) VDD-0.5 - - VDD=8.0V, ISOURCE=1.1 mA,VDET(5.3V to 6.0V) VDD-0.5 - - Leak Current when OFF (BD48xxx Series) Ileak VDD=VDS=10V *1 - - 0.1 µA Detection Voltage Temperature coefficient VDET/∆T Ta=-40°C to 105°C (Designed Guarantee) - ±100 ±360 ppm/°C Hysteresis Voltage ∆VDET VDD=L H L, RL=470kΩ VDET×0.03 VDET×0.05 VDET×0.08 V VDET(T) : Standard Detection Voltage(2.3V to 6.0V, 0.1V step) RL: Pull-up resistor to be connected between VOUT and power supply. CL: Capacitor to be connected between VOUT and GND. Design Guarantee. (Outgoing inspection is not done on all products.) *1 Guaranteed at Ta=25°C. |
Số phần tương tự - BD48K48G-TR |
|
Mô tả tương tự - BD48K48G-TR |