công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CX-1-03-AT bảng dữ liệu(PDF) 1 Page - EUROQUARTZ limited

tên linh kiện CX-1-03-AT
Giải thích chi tiết về linh kiện  Miniature AT-Cut Quartz Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EUROQUARTZ [EUROQUARTZ limited]
Trang chủ  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX-1-03-AT bảng dữ liệu(HTML) 1 Page - EUROQUARTZ limited

  CX-1-03-AT Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
CX-1-03 AT crystals are designed in a rugged, ceramic package. Due
to its robust design this crystal has gained wide acceptance in the
industry.
FEATURES
Low profile, hermetically sealed ceramic package
Excellent ageing characteristics
High shock resistance
Full military testing available
Available with glass or ceramic lid
Custom designs available
CX-1-03 AT CRYSTAL
Miniature AT-Cut Quartz Crystal
8MHz to 160MHz
OUTLINE & DIMENSIONS
SPECIFICATION
Fundamental Frequency:
10.0MHz
32.0MHz
155.52MHz
Motional Resistance R (Ω):
50
20
50
Motional Capacitance C1 (fF):
5.5
7.8
0.5
QualityFactor Q (k):
80
306
41
Shunt Capacitance C0 (pF):
2.2
2.6
3.2
Calibration Tolerance1:
A = ±0.01% (±100ppm)
B = ±0.1%
C = ±1%
Load Capacitance:
20pF (Unless specified by
customer)
Drive Level:
500µW maximum
Temperature Stability2
Commercial -10 ~ +60°C:
from ±10ppm
Industrial -40 to +85°C:
from ±20ppm
Military -55 to +125°C:
from ±30ppm
Ageing, first year:
5ppm maximum
Shock, survival3:
3,000g, 0.3ms, ½ sine
Vibration, survival:
20g, 10~2000Hz swept sine
Operating Temperature Range
Commercial:
-10° to +70°C
Industrial:
-40° to +85°C
Military:
-55 to +125°C
Storage Temperature Range:
-55° to +125°C
Maximum Process Temperature:
See package handling notes
Specifications stated are typical at 25°C unless otherwise indicated.
Specifications may change without notice.
Note: The characteristics of the frequency temperature stability follow
that of AT-Cut Thickness Shear mode.
1.
Tighter tolerances available.
2.
Does not include calibration tolerance.
3.
Higher shock version
HOW TO ORDER CX-1-03 CRYSTALS
CX-1 - S
-
OT
-
C
-03
- 32M,
A
/
25 /
I
'S' if special,
custom design.
Otherwise leave
blank
Blank = glass lid
C = ceramic lid
Side Leads
Frequency
K = kHz
M = MHz
Calibration
Tolerance
@25°C
A
B
C
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
OT = 3rd
Overtone
Mode.
Blank =
Fundamental
Mode
Frequency
Stability
over temp.
(in ppm)
PACKAGE HANDLING
The CX crystal is hermetically sealed in a ceramic package. Normal
handling and soldering precautions for small, low thermal mass parts
are adequate when installing or testing CX crystals. CX crystals may
be wave soldered with proper precaution taken to avoid desoldering
the leads. A slow machine rate or too high a pre-heat temperature or
solder bath temperature may damage the crystals. Lead to package
solder interface temperature should not exceed 175°C, glass lid
to package seal rim temperature should not exceed 210°C. If
the seal rim reaches temperatures above the maximum specified, the
package may lose its hermeticity. Loss of hermeticity results in a
frequency decrease and motional resistance increase.
STANDARD FREQUENCIES
10.0, 11.0592, 12.0, 16.0, 19.66080, 20.0, 24.0,
24.576, 30.0, 32.0, 35.2512, 36.0 and 40.0MHz


Số phần tương tự - CX-1-03-AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EUROQUARTZ limited
CX-1-03-32 EUROQUARTZ-CX-1-03-32 Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
logo
RSG Electronic Componen...
CX-1-03-LF RSG-CX-1-03-LF Datasheet
83Kb / 2P
   8 MHz to 160 MHz Miniature AT-Cut Quartz Crystal
More results

Mô tả tương tự - CX-1-03-AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STATEK CORPORATION
CX-1-03 STATEK-CX-1-03 Datasheet
75Kb / 2P
   Miniature AT-Cut Quartz Crystal
CX-2 STATEK-CX-2 Datasheet
90Kb / 2P
   Miniature AT-Cut Crystal
logo
RSG Electronic Componen...
CX-1-03-LF RSG-CX-1-03-LF Datasheet
83Kb / 2P
   8 MHz to 160 MHz Miniature AT-Cut Quartz Crystal
logo
STATEK CORPORATION
CX1SM STATEK-CX1SM_11 Datasheet
103Kb / 2P
   Miniature Surface Mount AT Quartz Crystal
CX1SM STATEK-CX1SM Datasheet
60Kb / 2P
   Miniature Surface Mount AT Quartz Crystal
logo
MICORO CRYSTAL SWITZERL...
MCSO1ES MICROCRYSTAL-MCSO1ES Datasheet
370Kb / 2P
   SC cut quartz crystal
logo
TEMEX
RXT2520AT TEMEX-RXT2520AT Datasheet
565Kb / 6P
   Low profile SMD AT-cut quartz crystal with thermally
logo
STATEK CORPORATION
CX9SM STATEK-CX9SM_13 Datasheet
146Kb / 2P
   Ultra-Miniature Surface Mount AT Quartz Crystal
logo
TEMEX
RXT2016AT TEMEX-RXT2016AT Datasheet
552Kb / 6P
   Low profile SMD AT-cut quartz crystal with thermally
logo
CRYSTEK CORPORATION
CO27VS12DE-02-10.000 CRYSTEKMICROWAVE-CO27VS12DE-02-10.000 Datasheet
159Kb / 2P
   AT-Cut Crystal
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com