công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQD13N06L bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FQD13N06L
Giải thích chi tiết về linh kiện  N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD13N06L bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FQD13N06L Datasheet HTML 1Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 2Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 3Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 4Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 5Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 6Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 7Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 8Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Package Marking and Ordering Information
Part Number
Top Mark
Package
Reel Size
Tape Width
Quantity
FQD13N06L
FQD13N06LTM
D-PAK
330 mm
16 mm
2500 units
©2000 Fairchild Semiconductor Corporation
FQD13N06L / FQU13N06L Rev. C3
www.fairchildsemi.com
2

1. Repetitive rating : pulse-width limited by maximum junction temperature.
2. L = 870 µH, IAS = 11 A, VDD = 25 V, RG = 25 Ω, starting TJ = 25oC.
3. ISD ≤ 13.6 A, di/dt ≤ 300 A/μs, VDD ≤ BVDSS, starting TJ = 25oC.
4. Essentially independent of operating temperature.
Packing Method
Tape and Reel
FQU13N06L
FQU13N06LTU
I-PAK
N/A
N/A
70 units
Tube
Electrical Characteristics T
C = 25
oC unless otherwise noted.
FQU13N06LS
FQU13N06LTU_WS
I-PAK
N/A
N/A
75 units
Tube
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
60
--
--
V
BVDSS
/ ∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.05
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 60 V, VGS = 0 V
--
--
1
µ
A
VDS = 48 V, TC = 150°C
--
--
10
µ
A
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1.0
--
2.5
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 5.5 A
VGS= 5 V, ID= 5.5 A
--
--
0.092
0.115
0.115
0.145
gFS
Forward Transconductance
VDS = 25 V, ID = 5.5 A
--
6
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
270
350
pF
Coss
Output Capacitance
--
95
125
pF
Crss
Reverse Transfer Capacitance
--
17
23
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 30 V, ID = 6.8 A,
RG = 25 Ω
--
8
25
ns
tr
Turn-On Rise Time
--
90
190
ns
td(off)
Turn-Off Delay Time
--
20
50
ns
tf
Turn-Off Fall Time
--
40
90
ns
Qg
Total Gate Charge
VDS = 48 V, ID = 13.6 A,
VGS = 5 V
--
4.8
6.4
nC
Qgs
Gate-Source Charge
--
1.6
--
nC
Qgd
Gate-Drain Charge
--
2.7
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
11
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
44
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 11 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 13.6 A,
dIF / dt = 100 A/µs
--
45
--
ns
Qrr
Reverse Recovery Charge
--
45
--
nC
(Note 4)
(Note 4)


Số phần tương tự - FQD13N06L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
logo
Guangdong Youtai Semico...
FQD13N06L UMW-FQD13N06L Datasheet
787Kb / 6P
   60V N -Channel MOSFET
FQD13N06LTM UMW-FQD13N06LTM Datasheet
787Kb / 6P
   60V N -Channel MOSFET
More results

Mô tả tương tự - FQD13N06L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FQI50N06TU FAIRCHILD-FQI50N06TU Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
FQT13N06LTF FAIRCHILD-FQT13N06LTF Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQT13N06TF FAIRCHILD-FQT13N06TF Datasheet
774Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQD30N06TM FAIRCHILD-FQD30N06TM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 22.7 A, 45 m廓
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
FQD11P06TM FAIRCHILD-FQD11P06TM Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com