công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78M15J3 bảng dữ liệu(PDF) 11 Page - Cystech Electonics Corp.

tên linh kiện LM78M15J3
Giải thích chi tiết về linh kiện  Three Terminal Medium Current Positive Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78M15J3 bảng dữ liệu(HTML) 11 Page - Cystech Electonics Corp.

Back Button LM78M15J3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78M15J3 Datasheet HTML 5Page - Cystech Electonics Corp. LM78M15J3 Datasheet HTML 6Page - Cystech Electonics Corp. LM78M15J3 Datasheet HTML 7Page - Cystech Electonics Corp. LM78M15J3 Datasheet HTML 8Page - Cystech Electonics Corp. LM78M15J3 Datasheet HTML 9Page - Cystech Electonics Corp. LM78M15J3 Datasheet HTML 10Page - Cystech Electonics Corp. LM78M15J3 Datasheet HTML 11Page - Cystech Electonics Corp. LM78M15J3 Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C520J3
Issued Date : 2007.10.23
Revised Date :2011.10.31
Page No. : 11/12
LM78MXXJ3
CYStek Product Specification
TO-252AB Dimension
*: Typical
Inches
Marking:
Style: Pin 1.Vin 2.Ground 3.Vout
4.Ground
3-Lead TO-252AB Plastic Surface Mount Package
CYStek Package Code: J3
Device
Name
Date
Code
out:
5V: 05
6V: 06
8V: 08
9V: 09
V: 10
V: 12
V: 15
V: 18
V: 24
78M□□
□□□□
4
V
10
12
15
18
24
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.087
0.094
2.200
2.400
e
*0.091
*2.300
A1
0.000
0.005
0.000
0.127
e1
0.177
0.185
4.500
4.700
B
0.053
0.065
1.350
1.650
H
0.118 REF
3.000 REF
b
0.020
0.028
0.500
0.700
K
0.197 REF
5.000 REF
b1
0.028
0.035
0.700
0.900
L
0.374
0.390
9.500
9.900
C
0.017
0.023
0.430
0.580
L1
0.100
0.114
2.550
2.900
C1
0.017
0.023
0.430
0.580
L2
0.055
0.070
1.400
1.780
D
0.250
0.262
6.350
6.650
L3
0.024
0.035
0.600
0.900
D1
0.205
0.213
5.200
5.400
P
0.028 REF
0.700 REF
E
0.213
0.224
5.400
5.700
V
0.209 REF
5.300 REF
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead : Pure tin plated
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0


Số phần tương tự - LM78M15J3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
LM78M15J3 CYSTEKEC-LM78M15J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results

Mô tả tương tự - LM78M15J3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05L3 CYSTEKEC-LM78M05L3 Datasheet
255Kb / 6P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05XA3 CYSTEKEC-LM78M05XA3 Datasheet
169Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com