công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78M24J3 bảng dữ liệu(PDF) 1 Page - Cystech Electonics Corp.

tên linh kiện LM78M24J3
Giải thích chi tiết về linh kiện  Three Terminal Medium Current Positive Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78M24J3 bảng dữ liệu(HTML) 1 Page - Cystech Electonics Corp.

  LM78M24J3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78M24J3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78M24J3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78M24J3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78M24J3 Datasheet HTML 5Page - Cystech Electonics Corp. LM78M24J3 Datasheet HTML 6Page - Cystech Electonics Corp. LM78M24J3 Datasheet HTML 7Page - Cystech Electonics Corp. LM78M24J3 Datasheet HTML 8Page - Cystech Electonics Corp. LM78M24J3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C520J3
Issued Date : 2007.10.23
Revised Date :2011.10.31
Page No. : 1/12
LM78MXXJ3
CYStek Product Specification
Three Terminal Medium Current Positive
TO-252AB
TO-252AA
Voltage Regulators
LM78MXXJ3
Description
The LM78MXXJ3 series of three-terminal positive regulators are
available in the TO-252 package and with 5V, 6V, 8V, 9V, 12V, 15V,
18V and 24V fixed output
voltages, making them useful in a wide range of applications. These
I
G O
I
G O
regulators can provide local on-card regulation, eliminating the distribution problems associated with
single point regulation. Each type employs internal current-limiting ,thermal shut-down and safe operating
area protection, making them essentially indestructible. If adequate heat sinking is provided, they can
deliver over 500mA output current. Although designed primarily as fixed voltage regulators, these devices can
be used with external components to obtain adjustable voltages and currents.
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Ratings
Unit
Input Voltage
35
V
Operating Temperature Range
-40 ~ +125
Output Current
500
mA
Storage Temperature Range
-65 ~ +150
Total Power Dissipation
1.0 (Note)
W
Note : Reduced by 8mW for each increase in Ta of 1℃ over 25℃(without heat sink)
Typical Application
PL78M05
Vout
Vin
C1
C2
Note:
C1 and C2 are required if regulator is
located far from power supply filter
and load, or oscillation may induced
on the loop.
LM78MXX
1
3
2


Số phần tương tự - LM78M24J3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
LM78M24J3 CYSTEKEC-LM78M24J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results

Mô tả tương tự - LM78M24J3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05L3 CYSTEKEC-LM78M05L3 Datasheet
255Kb / 6P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05XA3 CYSTEKEC-LM78M05XA3 Datasheet
169Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com