công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78M08J3 bảng dữ liệu(PDF) 4 Page - Cystech Electonics Corp.

tên linh kiện LM78M08J3
Giải thích chi tiết về linh kiện  Three Terminal Medium Current Positive Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78M08J3 bảng dữ liệu(HTML) 4 Page - Cystech Electonics Corp.

  LM78M08J3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78M08J3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78M08J3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78M08J3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78M08J3 Datasheet HTML 5Page - Cystech Electonics Corp. LM78M08J3 Datasheet HTML 6Page - Cystech Electonics Corp. LM78M08J3 Datasheet HTML 7Page - Cystech Electonics Corp. LM78M08J3 Datasheet HTML 8Page - Cystech Electonics Corp. LM78M08J3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C520J3
Issued Date : 2007.10.23
Revised Date :2011.10.31
Page No. : 4/12
LM78MXXJ3
CYStek Product Specification
LM78M08
(Ta=25
°C, Vin=14V, Io=350mA, Cin=0.33uF, Cout=0.1uF, unless otherwise noted)
LM78M08
Symbol
Parameter
Conditions
Min
Typ
Max
Units
7.68
8.0
8.32
Vo
Output Voltage
5mA
≤Io≤350mA
10.5V
≤Vin≤23V
7.60
-
8.40
V
IO=200mA, 10.5V
≤Vin≤25V
-
4
100
ΔVo
Line Regulation
IO=200mA, 11V
≤Vin≤25V
-
1
50
mV
5mA
≤Io≤500mA
-
30
160
ΔVo
Load Regulation
5mA
≤Io≤200mA
-
15
80
mV
IQ
Quiescent Current
IO=0mA
-
3
6
mA
5mA
≤Io≤350mA
-
-
0.5
ΔIQ
Quiescent Current
Change
10.5V
≤Vin≤25V, Io=200mA
-
-
0.8
mA
Vn
Output Noise Voltage
10Hz
≤f≤100KHz
-
80
-
μV
RR
Ripple Rejection
11.5V
≤Vin≤21.5V, Io=100mA,
f=120Hz, eIN=1Vrms
56
-
-
dB
VD
Dropout Voltage
Io=500mA
-
2
-
V
ISC
Output Short Circuit
Current
Vin=25V
400
mA
IPK
Peak Output Current
Tj=25℃
700
mA
TCVo
Temperature Coefficient
of Output Voltage
Io=5mA, 0≤Tj≤125℃
-0.5
mV/℃
LM78M09
(Ta=25
°C, Vin=15V, Io=350mA, Cin=0.33uF, Cout=0.1uF, unless otherwise noted)
LM78M09
Symbol
Parameter
Conditions
Min
Typ
Max
Units
8.64
9.0
9.36
Vo
Output Voltage
5mA
≤Io≤350mA
11.5V
≤Vin≤24V
8.55
-
9.45
V
IO=200mA, 11.5V
≤Vin≤26V
-
4
100
ΔVo
Line Regulation
IO=200mA, 12V
≤Vin≤25V
-
2
50
mV
5mA
≤Io≤500mA
-
30
180
ΔVo
Load Regulation
5mA
≤Io≤200mA
-
15
90
mV
IQ
Quiescent Current
IO=0mA
-
3.5
6
mA
5mA
≤Io≤350mA
-
-
0.5
ΔIQ
Quiescent Current
Change
12V
≤Vin≤25V, Io=200mA
-
-
0.8
mA
Vn
Output Noise Voltage
10Hz
≤f≤100KHz
-
90
-
μV
RR
Ripple Rejection
13V
≤Vin≤23V, Io=100mA,
f=120Hz, eIN=1Vrms
56
-
-
dB
VD
Dropout Voltage
Io=500mA
-
2
-
V
ISC
Output Short Circuit
Current
Vin=30V
170
mA
IPK
Peak Output Current
Tj=25℃
700
mA
TCVo
Temperature Coefficient
of Output Voltage
Io=5mA, 0≤Tj≤125℃
-0.5
mV/℃


Số phần tương tự - LM78M08J3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
LM78M08J3 CYSTEKEC-LM78M08J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results

Mô tả tương tự - LM78M08J3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05L3 CYSTEKEC-LM78M05L3 Datasheet
255Kb / 6P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05XA3 CYSTEKEC-LM78M05XA3 Datasheet
169Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com