công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78LXXQ8 bảng dữ liệu(PDF) 1 Page - Cystech Electonics Corp.

tên linh kiện LM78LXXQ8
Giải thích chi tiết về linh kiện  Low Current Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78LXXQ8 bảng dữ liệu(HTML) 1 Page - Cystech Electonics Corp.

  LM78LXXQ8 Datasheet HTML 1Page - Cystech Electonics Corp. LM78LXXQ8 Datasheet HTML 2Page - Cystech Electonics Corp. LM78LXXQ8 Datasheet HTML 3Page - Cystech Electonics Corp. LM78LXXQ8 Datasheet HTML 4Page - Cystech Electonics Corp. LM78LXXQ8 Datasheet HTML 5Page - Cystech Electonics Corp. LM78LXXQ8 Datasheet HTML 6Page - Cystech Electonics Corp. LM78LXXQ8 Datasheet HTML 7Page - Cystech Electonics Corp. LM78LXXQ8 Datasheet HTML 8Page - Cystech Electonics Corp. LM78LXXQ8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C515Q8
Issued Date : 2007.11.19
Revised Date : 2012.08.14
Page No. : 1/11
LM78LXXQ8
CYStek Product Specification
Low Current Positive Voltage Regulator
LM78LXXQ8
SOP-8
Description
The LM78LXXQ8 series of positive regulators are available in the SOP-8 package and with 5V, 6V, 8V, 9V, 10V, 12V,
15V, 18V and 24V fixed output voltages, making it useful in a wide range of applications. These regulators can
provide local on-card regulation, eliminating the distribution problems associated with single point regulation. Each
type employs internal current limiting, thermal shut-down and safe operating area protection, making it essentially
indestructible. If adequate heat sinking is provided, they can deliver over 100mA output current. Although designed
primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable
voltages and currents. LM78LXXQ8 is characterized for operation from 0℃ to 125℃.
Features:
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components Required
• Pb-free package
Typical Application
Schematic Diagram
LM78LXX
Vout
Vin
1
3
2
C1
C2
A common ground is required between the
input and the output voltages. The input
voltage must remain typically 2.0V above
the output voltage even during the low point
on the input ripple voltage.
Note : C1 and C2 are required if regulator is located
far from power supply filter and load, or oscillation
may induced on the loop.
576
3.41K
3.89K
7.8K
2.84K
13K
5pF
2.23K
GND
1.5K
1.9K
100
100
5K
5.7K
Vout
Vin


Số phần tương tự - LM78LXXQ8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX Datasheet
280Kb / 13P
   FIXED VOLTAGE REGULATOR
LM78LXX HTC-LM78LXX Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM78LXXA FAIRCHILD-LM78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
LM78LXXA FAIRCHILD-LM78LXXA Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Mô tả tương tự - LM78LXXQ8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
LM78L08Q8 CYSTEKEC-LM78L08Q8 Datasheet
363Kb / 11P
   Low Current Positive Voltage Regulator
LM78L09XM3 CYSTEKEC-LM78L09XM3 Datasheet
122Kb / 5P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com