công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78L09M3 bảng dữ liệu(PDF) 1 Page - Cystech Electonics Corp.

tên linh kiện LM78L09M3
Giải thích chi tiết về linh kiện  Low Current Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78L09M3 bảng dữ liệu(HTML) 1 Page - Cystech Electonics Corp.

  LM78L09M3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78L09M3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78L09M3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78L09M3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78L09M3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C518M3
Issued Date : 2003.04.02
Revised Date :2007.11.19
Page No. : 1/5
LM78L09M3
CYStek Product Specification
Low Current Positive Voltage Regulator
LM78L09M3
SOT-89
Description
The LM78L09M3 series of surface mount regulators are easy-to-use devices suitable for
multitude of applications that require a regulated supply of up to 100mA. These regulators feature
internal current limiting and thermal shutdown, making them remarkably rugged. No external
components are required with the LM78L09M3 devices in many applications.
These devices offer a substantial performance advantage over the traditional zener diode resistor
combination, as output impedance and quiescent current are substantially reduced.
Features:
• Wide Range Of Available, Fixed Output Voltages
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components Required
Absolute Maximum Ratings (Ta=25
°C)
• Input Voltage ....................................................................................................................... 30 V
• Total Power Dissipation .................................................................................... Internally limited
• Operating Temperature Range .......................................................................... 0 °C to +125 °C
• Maximum Junction Temperature ..................................................................................... 125 °C
• Storage Temperature Range .......................................................................... -55 °C to +150 °C
• Lead Temperature (Soldering 10S).................................................................................. 260 °C
Typical Application
Schematic Diagram
1
2
A common ground is required between the
input and the output voltages. The input
voltage must remain typically 2.0V above
the output voltage even during the low point
on the input ripple voltage.
Note : C1 and C2 are required if regulator is located
far from power supply filter and load, or oscillation
may induced on the loop.
576
3.41K
3.89K
7.8K
2.84K
13K
5pF
2.23K
GND
1.5K
1.9K
100
100
5K
5.7K
Vout
Vin
LM78L09
Vout
Vin
1
3
C1
C2


Số phần tương tự - LM78L09M3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM78L09 NSC-LM78L09 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78L09 NSC-LM78L09 Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM78L09 HTC-LM78L09 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM78L09 KEXIN-LM78L09 Datasheet
55Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
Shenzhen Jin Yu Semicon...
LM78L09 HTSEMI-LM78L09 Datasheet
1Mb / 2P
   Three-terminal positive voltage regulator
More results

Mô tả tương tự - LM78L09M3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
LM78L08Q8 CYSTEKEC-LM78L08Q8 Datasheet
363Kb / 11P
   Low Current Positive Voltage Regulator
LM78L09XM3 CYSTEKEC-LM78L09XM3 Datasheet
122Kb / 5P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com