công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78LXXA3-B-TB-G bảng dữ liệu(PDF) 1 Page - Cystech Electonics Corp.

tên linh kiện LM78LXXA3-B-TB-G
Giải thích chi tiết về linh kiện  Low Current Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78LXXA3-B-TB-G bảng dữ liệu(HTML) 1 Page - Cystech Electonics Corp.

  LM78LXXA3-B-TB-G Datasheet HTML 1Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 2Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 3Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 4Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 5Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 6Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 7Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 8Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CYStech Electronics Corp.
Spec. No. : C515A3
Issued Date : 2014.01.15
Revised Date :
Page No. : 1/14
LM78LXXA3/M3
CYStek Product Specification
Low Current Positive Voltage Regulator
LM78LXX Series
Description
The LM78LXX series of positive regulators are available in the TO-92 and SOT-89 package and with 5V, 6V, 8V, 9V,
10V, 12V, 15V, 18V and 24V fixed output voltages, making it useful in a wide range of applications. These regulators
can provide local on-card regulation, eliminating the distribution problems associated with single point regulation.
Each type employs internal current limiting, thermal shut-down and safe operating area protection, making it
essentially indestructible. If adequate heat sinking is provided, they can deliver over 200mA output current.
Although designed primarily as fixed voltage regulators, these devices can be used with external components to
obtain adjustable voltages and currents. LM78LXX series is characterized for operation from -40℃ to 125℃.
Features:
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components Required
• Pb-free package
Ordering Information
Device
Output Voltage Tolerance
Package
Shipping
LM78LXXA3-A-TB-G
±
3%
LM78LXXA3-B-TB-G
±
5%
2000 pcs / Tape & Box
LM78LXXA3-A-BK-G
±
3%
LM78LXXA3-B-BK-G
±
5%
TO-92
(Pb-free lead plating and
halogen-free package)
1000 pcs/ bag, 10 bags/ box
10boxes/carton
LM78LXXM3-A-T2-G
±
3%
LM78LXXM3-B-T2-G
±
5%
SOT-89
(Pb-free lead plating and
halogen-free package)
1000 pcs / Tape & Reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T2 :1000 pcs/tape & reel, 7” reel ; TB : 2000 pcs/ tape & box ;
BK: 1000 pcs/bag, 10 bags/box, 10 boxes/carton
Product rank, zero for no rank products
Product name


Số phần tương tự - LM78LXXA3-B-TB-G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
LM78LXXA3-B-TB-G CYSTEKEC-LM78LXXA3-B-TB-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-TB-G CYSTEKEC-LM78LXXA3-B-TB-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-TB-G CYSTEKEC-LM78LXXA3-B-TB-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-TB-G CYSTEKEC-LM78LXXA3-B-TB-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-TB-G CYSTEKEC-LM78LXXA3-B-TB-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
More results

Mô tả tương tự - LM78LXXA3-B-TB-G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
LM78L08Q8 CYSTEKEC-LM78L08Q8 Datasheet
363Kb / 11P
   Low Current Positive Voltage Regulator
LM78L09XM3 CYSTEKEC-LM78L09XM3 Datasheet
122Kb / 5P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com