công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P-8130 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện P-8130
Giải thích chi tiết về linh kiện  POWER TRANS FORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

P-8130 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  P-8130 Datasheet HTML 1Page - List of Unclassifed Manufacturers P-8130 Datasheet HTML 2Page - List of Unclassifed Manufacturers P-8130 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

www.stancor.com
P O W E R T R A N S F O R M E R S
Single Secondary
All Primaries 50/60 Hz.
For outline drawings refer to page 12.
Insulation
DImensIons-Inches
sTAncoR
Test
PART
Primary
secondary
Rms
Termination
case
mounting
Weight
Agency
sec. nUmBeR
Volts
Volts
Amps. style
Volts
Pri.
sec.
h
W
D
mW
mD
(lbs.) certification
A
P-8629
117
2.5
1.0
A
1500
Leads
Leads
1.38
2.38
1.38
2.00
-
0.4
-
P-6133
117
2.5 C.T.
5.0
S
7500
Leads
Leads
2.75
3.13
2.00
2.81
-
1.5
-
P-6454
117/107
2.5 C.T.
10.0
S
7500
Leads
Leads
3.25
3.63
1.88
3.13
-
2.5
-
P-6467
117
5.0 C.T.
3.0
A
2500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.4
-
B
P-6135
117
5.0 C.T.
10.0
NV
2500
Leads
Leads
3.13
2.50
2.50
2.00
2.06
3.0
-
P-8385
117
6.3 C.T.
0.3
A
1500
Leads
Leads
1.25
2.13
1.38
1.75
-
0.3
-
P-6465
117
6.3 C.T.
0.6
A
1500
Leads
Leads
1.38
2.38
1.50
2.00
-
0.4
P-8705
230
6.3 C.T.
0.6
A
1500
Leads
Leads
1.38
2.38
1.50
2.00
-
0.4
-
C
P-8389
117
6.3
1.0
A
1500
Leads
Leads
1.75
2.88
1.63
2.38
-
0.6
P-6134
117
6.3 C.T.
1.2
A
3000
Leads
Leads
1.75
2.88
1.88
2.38
-
0.8
P-8190
117
6.3
1.2
A
5000
Leads
Leads
2.00
3.25
1.88
2.81
-
1.0
-
P-6466
117
6.3 C.T.
3.0
A
2500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.4
-
D
P-8648
117
6.3 C.T.
4.0
A
1500
Leads
Leads
2.38
3.75
2.13
3.13
-
1.6
-
P-6456
117/107
6.3 C.T.
6.0
A
2000
Leads
Leads
2.38
3.75
2.38
3.13
-
2.0
-
P-8651
117
6.3 C.T.
8.0
A
1500
Leads
Leads
2.63
4.00
2.63
3.56
-
2.4
-
P-6464
117
6.3 C.T.
10.0
C
2000
Leads
Leads
3.50
2.81
3.25
2.25
2.00
3.5
-
E
P-6308
117/107
6.3 C.T.
10.0
NV
2500
Leads
Leads
3.50
2.81
2.63
2.25
2.00
3.4
-
P-6309
117/107
6.3 C.T.
20.0
NV
2500
Leads
Leads
4.69
3.75
3.50
3.00
2.47
6.7
-
P-5015
117
7.5 C.T.
4.0
NV
2500
Lugs
Lugs
3.13
2.50
2.25
2.00
2.13
2.7
-
P-6138
117
7.5 C.T.
8.0
NV
2500
Leads
Leads
3.88
3.13
3.38
2.50
2.22
4.7
-
F
P-8652
117
10.0 C.T.
1.0
A
1500
Leads
Leads
2.00
3.25
2.00
2.81
-
0.9
-
P-8653
117
10.0 C.T.
2.0
A
1500
Leads
Leads
2.00
3.25
2.00
2.81
-
1.3
-
P-8380
117
10.0 C.T.
3.0
A
1500
Leads
Leads
2.25
3.75
2.25
3.13
-
1.6
-
P-5016
117
10.0 C.T.
4.0
NV
2500
Lugs
Lugs
3.44
2.81
2.50
2.25
2.00
3.3
-
G
P-8655
117
10.0 C.T.
6.00
NV
1500
Leads
Leads
3.13
2.50
2.63
2.00
2.06
3.10
-
P-8656
117
10.0 C.T.
8.00
NV
1500
Leads
Leads
3.50
2.81
3.00
2.25
2.28
4.10
-
P-8390
117
12.0
0.15
A
1500
Leads
Leads
1.25
2.13
1.25
1.75
-
0.25
P-8391
117
12.0
0.35
A
1500
Leads
Leads
1.38
2.38
1.38
2.00
-
0.35
-
H
P-8392
117
12.0
0.70
A
1500
Leads
Leads
1.75
2.88
1.63
2.38
-
0.60
P-8393
117
12.0
1.20
A
1500
Leads
Leads
2.00
3.25
1.63
2.81
-
0.85
-
P-8657
117
12.0
2.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.30
-
P-8658
117
12.0
4.00
A
1500
Leads
Leads
2.63
4.00
2.25
3.56
-
2.30
-
I
P-8659
117
12.0
6.00
NV
1500
Leads
Leads
3.50
2.88
2.63
2.25
2.13
3.40
-
P-8660
117
12.0
8.00
NV
1500
Leads
Leads
3.88
3.18
2.75
2.50
2.13
4.30
-
P-8384
117
12.6 C.T.
1.00
A
1500
Leads
Leads
2.00
3.25
1.75
2.81
-
0.90
-
P-8550
117
12.6 C.T.
1.50
A
1500
Leads
Leads
2.00
3.25
2.00
2.81
-
1.30
-
Agency Certification Note: UL Recognized (File E68100, Guide #XPTQ2)
styleA
styles
stylenV
stylec
† Electrostatic shield


Số phần tương tự - P-8130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
P-8139-032 MOLEX4-P-8139-032 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Box, Tab 4.75mm(.187") x 0.81mm (.032")
P-8139-032T MOLEX4-P-8139-032T Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Mylar Tape, Tab4.75mm (.187") x 0.81mm (.032")
P-8139T MOLEX4-P-8139T Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect
More results

Mô tả tương tự - P-8130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
LB-12230 ETC2-LB-12230 Datasheet
312Kb / 2P
   PRINTED CIRCUIT TRANS FORMERS
E13003 ETC2-E13003 Datasheet
5Mb / 2P
   POWER TRANS ISTOR
logo
Ferroxcube Internationa...
CPVS-ER14.5-1S-10P-Z FERROXCUBE-CPVS-ER14.5-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
CPVS-ER11-1S-10P-Z FERROXCUBE-CPVS-ER11-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
logo
EPCOS
B66319G0000X130 EPCOS-B66319G0000X130_10 Datasheet
444Kb / 6P
   EF coil formers
B66311G0000X130 EPCOS-B66311G0000X130_10 Datasheet
518Kb / 9P
   EF coil formers
B66305G0000X130 EPCOS-B66305G0000X130_10 Datasheet
465Kb / 9P
   EF coil formers
B66307G0000X130 EPCOS-B66307G0000X130_10 Datasheet
75Kb / 7P
   EF coil formers
logo
TRIAD MAGNETICS
FS56-350 TRIAD-FS56-350 Datasheet
47Kb / 1P
   POWER TRANS FORMER, PC MOUNT:SPLIT PACK
logo
rfsolutions.ltd
ZULU-868 RFSOLUTIONS-ZULU-868 Datasheet
1Mb / 9P
   RT Trans-controller
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com