công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NEXG474Z55V145X18F bảng dữ liệu(PDF) 1 Page - NIC-Components Corp.

tên linh kiện NEXG474Z55V145X18F
Giải thích chi tiết về linh kiện  Memory Back-Up Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NIC [NIC-Components Corp.]
Trang chủ  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEXG474Z55V145X18F bảng dữ liệu(HTML) 1 Page - NIC-Components Corp.

  NEXG474Z55V145X18F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Memory Back-Up Capacitors
NEXG Series
NIC P/N
Capacitance Value (F)
Charge Discharge
Holding Volt-
age (VDC min.)
Max. Current @
30 minutes (mA)
Max. ESR @
1KHz (
Ω)
Typical DCR
(
Ω)
NEXG103Z5.5V11X5.5F
0.01
0.013
4.2
0.015
300
94
NEXG223Z5.5V11X5.5F
0.022
0.028
4.2
0.033
200
31
NEXG473Z5.5V11X5.5F
0.047
0.060
4.2
0.071
200
29
NEXG104Z5.5V11X6.5F
0.10
0.13
4.2
0.15
100
16
NEXG224Z5.5V13X9F
0.22
0.28
4.2
0.33
100
15
NEXG474Z5.5V14.5X18F
0.47
0.60
4.2
0.71
120
26
NEXG105Z5.5V16.5X19F
1.0
1.3
4.2
1.5
65
14
NEXG225Z5.5V21.5X19F
2.2
2.8
4.2
3.3
35
7
NEXG475Z5.5V28.5X22F
4.7
6.0
4.2
7.1
35
3.2
Rated Voltage Range
5.5VDC
Rated Capacitance Range
0.01F ~ 4.7F (10,000
μF ~ 4,700,000μF)
Operating Temp. Range
-25°C ~ +70°C
Capacitance Tolerance
+80%/-20% (Z)
Load Life Test @ 70°C
1,000 hours
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 200% of the specified maximum value
Current at 30 minutes
Less than 200% of the specified maximum value
Temperature Cycling
(5 cycles, -25 ~ +70°C
Δ Capacitance Change
Within +80%/-20% of specified value
Maximum ESR
Less than specified maximum value
Current at 30 minutes
Less than specified maximum value
Humidity Resistance
(240 hours @ 40°C/90% RH)
Δ Capacitance Change
Less than ±20% of initial measured value
Maximum ESR
Less than 120% of the specified maximum value
Current at 30 minutes
Less than 120% of the specified maximum value
NIC P/N
DIMENSIONS (mm)
DH
S
LL
d1
d2
NEXG103Z5.5V11X5.5F
11.0
5.5
5.08
2.7
0.2
1.2
NEXG223Z5.5V11X5.5F
11.0
5.5
5.08
2.7
0.2
1.2
NEXG473Z5.5V11X5.5F
11.0
5.5
5.08
2.7
0.2
1.2
NEXG104Z5.5V11X6.5F
11.0
6.5
5.08
2.7
0.2
1.2
NEXG224Z5.5V13X9F
13.0
9.0
5.08
2.2
0.4
1.2
NEXG474Z5.5V14.5X18F
14.5
18.0
5.08
2.4
0.4
1.2
NEXG105Z5.5V16.5X19F
16.5
19.0
5.08
2.7
0.4
1.2
NEXG225Z5.5V21.5X19F
21.5
19.0
7.62
3.0
0.6
1.2
NEXG475Z5.5V28.5X22F
28.5
22.0
10.16
6.1
0.6
1.4
FEATURES
• DOUBLE LAYER CONSTRUCTION
• HIGH CURRENT DISCHARGE (UP TO 500
μA)
• IDEAL FOR LONG TIME BACK-UP POWER SUPPLY
• SUITABLE FOR FLOW SOLDERING
• LEAD-FREE FINISH
CASE DIMENSIONS (mm)
STANDARD VALUES AND SPECIFICATIONS
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Super Capacitor
Super Capacitor
Application Guide
Application Guide
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional guidelines and precautions
can be found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
TERMINATION FINISH:
Pb-FREE (99%Sn/1%Cu)
+
-
H max.
S ±0.5
D ±0.5
LL min.
0.3mm m
in.
d1 ±0.1
d2 ±0.1
+
-


Số phần tương tự - NEXG474Z55V145X18F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEKTRONIX, INC.
NEX-DDR2MP60BSC TEKTRONIX-NEX-DDR2MP60BSC Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP60BSCSK TEKTRONIX-NEX-DDR2MP60BSCSK Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP84BSC TEKTRONIX-NEX-DDR2MP84BSC Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP84BSCSK TEKTRONIX-NEX-DDR2MP84BSCSK Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR3MP78BSC TEKTRONIX-NEX-DDR3MP78BSC Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
More results

Mô tả tương tự - NEXG474Z55V145X18F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NIC-Components Corp.
NEXS NIC-NEXS Datasheet
116Kb / 1P
   Memory Back-Up Capacitors
NEXA NIC-NEXA Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
   Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
   Memory Back-Up Capacitors
NEXM NIC-NEXM Datasheet
83Kb / 1P
   Memory Back-Up Capacitors
NEXT NIC-NEXT Datasheet
174Kb / 1P
   Memory Back-Up Capacitors
NEZH NIC-NEZH Datasheet
138Kb / 2P
   Memory Back-Up Capacitors
NEZX NIC-NEZX Datasheet
139Kb / 3P
   Memory Back-Up Capacitors
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com