công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FQPF47P06 bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor |
|
FQPF47P06 bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor |
4 / 9 page 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 ※ N o te s : 1 . Z θ JC ( t ) = 2. 42 ℃ /W M a x . 2 . D u ty F a c t o r , D = t 1 /t 2 3 . T JM - T C = P DM * Z θ JC (t) s ing le pu ls e D= 0 . 5 0. 0 2 0. 2 0. 0 5 0. 1 0. 0 1 t 1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ] 25 50 75 100 125 150 175 0 5 10 15 20 25 30 T C, Case Temperature [ ℃] 10 0 10 1 10 2 10 -1 10 0 10 1 10 2 100 ms DC 10 ms 1 ms 100 µs Operation in This Area is Limited by R DS(on) ※ Notes : 1. T C = 25 o C 2. T J = 175 o C 3. Single Pulse -V DS, Drain-Source Voltage [V] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 ※ Notes : 1. V GS = -10 V 2. I D = -23.5 A T J, Junction Temperature [ o C] -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 ※ Notes : 1. V GS = 0 V 2. I D = -250 μ A T J, Junction Temperature [ o C] Typical Characteristics (Continued) Figure 9. Maximum Safe Operating Area Figure 10. Maximum Drain Current vs. Case Temperature Figure 7. Breakdown Voltage Variation vs. Temperature Figure 8. On-Resistance Variation vs. Temperature Figure 11. Transient Thermal Response Curve t 1 PDM t 2 ©2001 Fairchild Semiconductor Corporation FQPF47P06 / FQPF47P06YDTU Rev. C0 www.fairchildsemi.com |
Số phần tương tự - FQPF47P06 |
|
Mô tả tương tự - FQPF47P06 |