công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC517A3 bảng dữ liệu(PDF) 5 Page - Cystech Electonics Corp.

tên linh kiện BC517A3
Giải thích chi tiết về linh kiện  General Purpose NPN Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BC517A3 bảng dữ liệu(HTML) 5 Page - Cystech Electonics Corp.

  BC517A3 Datasheet HTML 1Page - Cystech Electonics Corp. BC517A3 Datasheet HTML 2Page - Cystech Electonics Corp. BC517A3 Datasheet HTML 3Page - Cystech Electonics Corp. BC517A3 Datasheet HTML 4Page - Cystech Electonics Corp. BC517A3 Datasheet HTML 5Page - Cystech Electonics Corp. BC517A3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C214A3-A
Issued Date : 2007.06.25
Revised Date :
Page No. : 5/6
BC517A3
CYStek Product Specification
TO-92 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1704
0.1902
4.33
4.83
G
0.0142
0.0220
0.36
0.56
B
0.1704
0.1902
4.33
4.83
H
-
*
0.1000
-
*
2.54
C
0.5000
-
12.70
-
I
-
*
0.0500
-
*
1.27
D
0.0142
0.0220
0.36
0.56
α1
-
*
5
°
-
*
5
°
E
-
*
0.0500
-
*
1.27
α2
-
*
2
°
-
*
2
°
F
0.1323
0.1480
3.36
3.76
α3
-
*
2
°
-
*
2
°
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Recommended Storage Condition
• Temperature : 10 ~ 35 °C
• Humidity : 30 ~ 60 %RH
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
BC517
Marking:
3
1
A
D
B
C
I
α1
E
F
α2
2
α3
H
G
Style: Pin 1.Collector 2.Base 3.Emitter
3-Lead TO-92 Plastic Package
CYStek Package Code: A3


Số phần tương tự - BC517A3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
BC517 MOTOROLA-BC517 Datasheet
206Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
BC517 ONSEMI-BC517 Datasheet
82Kb / 6P
   Darlington Transistors
March, 2007 ??Rev. 4
BC517 ONSEMI-BC517 Datasheet
148Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
logo
Fairchild Semiconductor
BC517 FAIRCHILD-BC517 Datasheet
32Kb / 3P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
More results

Mô tả tương tự - BC517A3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com