công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC100V5A bảng dữ liệu(PDF) 10 Page - Power-One

tên linh kiện FC100V5A
Giải thích chi tiết về linh kiện  F & FC Series DC-DC Converter Input Filters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWER-ONE [Power-One]
Trang chủ  http://www.power-one.com
Logo POWER-ONE - Power-One

FC100V5A bảng dữ liệu(HTML) 10 Page - Power-One

Back Button FC100V5A Datasheet HTML 6Page - Power-One FC100V5A Datasheet HTML 7Page - Power-One FC100V5A Datasheet HTML 8Page - Power-One FC100V5A Datasheet HTML 9Page - Power-One FC100V5A Datasheet HTML 10Page - Power-One FC100V5A Datasheet HTML 11Page - Power-One FC100V5A Datasheet HTML 12Page - Power-One FC100V5A Datasheet HTML 13Page - Power-One FC100V5A Datasheet HTML 14Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
MCD10059 Rev. 1.1, 21-Jan-10
Page 10 of 41
www.power-one.com
F & FC Series DC-DC Converter Input Filters
F2410 & F4810, 0-45V/0-80V, 10 Amps, SMT Mount
The F4810 and F2410 filters contain input and output
capacitors, plus differential and common mode
inductors. Shown in Fig. 1, the schematic diagrams
of both filters are similar, the only difference are
changes in C1, C2 capacitor values. The separate
differential inductor, L2, allows a 50 Ω differential
attenuation of 60 dB across the stated frequency
range, a value substantially higher in comparison
with other available off-the-shelf filters (typically
25-30 dB).
The F4810 can be used in 24 V or 48 V systems
without any limitations; however, in 24 V systems the
F2410 differential attenuation is better. At low
frequencies around 100-200 kHz the difference is
20dB, but at high frequencies the plots are close to
identical.
Absolute maximum voltage and maximum operating
voltage in Electrical Specifications Table are for the
filter itself; check maximum rating for corresponding
dc-dc converters. The filter will not be damaged by
reversed input voltage, or by applying voltage to the
output pins.
C2
L1-1
V
OUT+
V
OUT-
L1-2
L2
C1
4.2
H
V
IN-
V
IN+
R1
49.9
4
F
3
F
Fig. 1: Schematic diagram for F4810, F2410. The Capacitor
values shown are for F4810; for F2410 C1=10 μF; C2=13 μF.
Fig. 2: F4810 - Differential mode attenuation, 0.2-100 MHz.
Source and load resistances are 50 Ω. Vertical scale: 10
dB/div, with zero level marked by arrow. No load, 25 ºC.
Fig. 3: F2410 - Differential mode attenuation, 0.2-100 MHz.
Source and load resistance 50 Ω. Vertical scale: 10 dB/div,
with zero level marked by arrow. No load, 25 ºC.
Differential attenuation plots for the F4810 and
F2410 filters in the extended frequency range of
20 kHz-100 MHz are shown in Fig. 2 and Fig. 3,
respectively, and can be seen to be flat (around
55-60 dB) from 0.35 MHz to 40 MHz.
Fig. 4 shows Common mode attenuation with 50 Ω
source and load. The attenuation is the same for
both filters, and depends on the value of external
Y-capacitors, connected between input pins and
frame or a reference ground.
Fig. 4: F4810/F2410 - Common Mode attenuation, 0.2-100
MHz. Source and load resistances are 50 Ω. Two 0.1uF Y-
caps to common line. Vertical scale: 10 dB/div, with zero dB
level marked by arrow.


Số phần tương tự - FC100V5A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Power-One
FC100V5A POWER-ONE-FC100V5A Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
logo
Bel Fuse Inc.
FC100V5A BEL-FC100V5A Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
logo
Power-One
FC100V5A-G POWER-ONE-FC100V5A-G Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
More results

Mô tả tương tự - FC100V5A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
   HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M57120L MITSUBISHI-M57120L Datasheet
63Kb / 4P
   HIGH VOLTAGE INPUT dc-dc CONVERTER
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com