công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M-984-02P bảng dữ liệu(PDF) 2 Page - Clare, Inc.

tên linh kiện M-984-02P
Giải thích chi tiết về linh kiện  Special Information Tone Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLARE [Clare, Inc.]
Trang chủ  http://www.clare.com
Logo CLARE - Clare, Inc.

M-984-02P bảng dữ liệu(HTML) 2 Page - Clare, Inc.

  M-984-02P Datasheet HTML 1Page - Clare, Inc. M-984-02P Datasheet HTML 2Page - Clare, Inc. M-984-02P Datasheet HTML 3Page - Clare, Inc. M-984-02P Datasheet HTML 4Page - Clare, Inc. M-984-02P Datasheet HTML 5Page - Clare, Inc. M-984-02P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
Parameter
Conditions
Min
Max
Units
Operating Conditions
V
DD
-
2.7
5.5
V
Power supply noise
0.1 - 5 kHz
-
20
mV p-p
Power
Current drain (I
DD)VREF open
-
15
mA
V
REF
V
REF
-
48% of V
DD
52% of V
DD
V
Impedance
-
3.25
8.25
k
Signal Detection
Frequency Range
-
Note 1
Note 1
-
Level: V
DD = 5.0V
-
-30 (24.5 mV)
0 (775 mV)
dBm
Level: V
DD = 3.0V
-
-33 (17.4 mV)
-3 (173.5 mV)
dBm
Duration
f
c = 400 Hz
85
-
ms
f
c = 950, 1400, 1800 Hz
50
-
ms
Bridge Time
-
-
15
ms
Signal to Noise Ratio
-
16
-
dB
Signal Rejection
Frequency Range
-
Note 1
Note 1
-
Level: V
DD = 5.0V
-
-
-40 (7.8 mV)
dBm
Level: V
DD = 3.0V
-
-
-43 (5.5 mV)
dBm
Duration
-
-
50
ms
Outputs
Except X358
V
OL
I
SINK = -1.0 mA
-
0.5
V
V
OH
I
SOURCE = 1.0 mA
V
DD-0.5
-
V
Dn pins only
I
OZ
V
O = VDD, VSS
-1
µA
Inputs
EN pin
V
IL
-
-
0.5
V
V
IH
V
DD = 5V
V
DD -2.0
-
V
V
DD = 2.7V
V
DD - 0.5
-
V
Pull-up and Pull-
MODE = V
SS
V
DD = 5V
12.5
50
µA
down currents
V
DD = 2.7V
4
20
µA
/XRANGE +V
SS
-2
6
µA
MODE2 = V
DD
V
DD = 5V
12.5
100
µA
V
DD = 2.7V
12.5
25
µA
PD = V
DD
-
4
10
µA
SIGIN pin
Voltage range
-
-6.5
V
DD
V
Input impedance
f = 500 Hz
80
-
k
Input Spectrum
-
-
28
kHz
Clock
External clock
V
IL
XOUT open
-
0.2
V
connected to
V
IH
XOUT open
V
DD - 0.2
-
V
XIN pin
Duty cycle
XOUT open
40
60
%
XIN, XOUT with
Capacitance
-
-
10
pF
crystal ocs. active Internal res.
-
20
-
M
X358 pin
V
OL
C
L = 20 pF, ISINK = -1.0 mA
-
0.5
V
V
OH
C
L = 20 pF, ISOURCE = 1.0 mA
V
DD - 0.5
-
V
Duty cycle
C
L = 20 pF
40
60
%
Tri-state Operation
t
EN (High Z to Low Z)
C
L = 50 pF
-
250
ns
t
DE (Low Z to High Z)
RL = 100 K
-
250
ns
Unless otherwise noted, specifications hold over V
DD - VSS = 2.8V to 5.5V power supply, and TOL -40°C to +85°C.
Notes:
1. See the Detector Frequency Windows table on page 4 for detection/ rejection frequencies.
www.clare.com
M-984-02
Rev. 3
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.
2
Absolute Maximum Ratings
DC Supply Voltage
7V
Input Voltage on SIGIN
V
SS - 6.5V to VDD +0.3V
Input Voltage on Any Pin
V
SS - 0.3 to VDD + 0.3V
(except SIGIN)
Storage Temperature Range
-40°C to +150°C
Operating Temperature Range
-40°C to +85°C
Lead Soldering Temperature
260°C for 5 seconds
Note:
Exceeding these ratings may permanently damage the device.


Số phần tương tự - M-984-02P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02P CLARE-M-980-02P Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02P IXYS-M-980-02P Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02S CLARE-M-980-02S Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
More results

Mô tả tương tự - M-984-02P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CML Microcircuits
MX643 CMLMICRO-MX643 Datasheet
210Kb / 12P
   International Special Information Tone Identification
logo
Clare, Inc.
M-985-01 CLARE-M-985-01 Datasheet
241Kb / 8P
   Precise Call Progress and Special Information Tone Generator
logo
Micro Linear Corporatio...
ML2031 MICRO-LINEAR-ML2031 Datasheet
459Kb / 9P
   TONE DETECTOR
logo
Mixed Signal Integratio...
MSDETC MSI-MSDETC Datasheet
47Kb / 4P
   Tone Detector
logo
CML Microcircuits
MX105A CMLMICRO-MX105A Datasheet
160Kb / 15P
   Tone Detector
FX105P CMLMICRO-FX105P Datasheet
259Kb / 8P
   Tone Detector
FX105A CMLMICRO-FX105A Datasheet
351Kb / 16P
   Tone Detector
logo
Holtek Semiconductor In...
HT9033 HOLTEK-HT9033 Datasheet
140Kb / 9P
   CAS Tone Detector
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com