công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQD11P06TM bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FQD11P06TM
Giải thích chi tiết về linh kiện  P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD11P06TM bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FQD11P06TM Datasheet HTML 1Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 2Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 3Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 4Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 5Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 6Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 7Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 8Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Januray 2014
Thermal Characteristics
FQD11P06 / FQU11P06
P-Channel QFET® MOSFET
-60 V, -9.4 A, 185 mΩ
Description
www.fairchildsemi.com
1
This P-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, audio amplifier,
DC motor control, and variable switching power applications..
Features
• -9.4 A, -60 V, RDS(on) = 185 mΩ (Max.) @ VGS = -10 V,
ID = -4.7 A
• Low Gate Charge (Typ. 13 nC)
• Low Crss (Typ. 45 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
Symbol
Parameter
FQD11P06TM / FQU11P06TU
Unit
VDSS
Drain-Source Voltage
-60
V
ID
Drain Current
- Continuous (TC = 25°C)
-9.4
A
- Continuous (TC = 100°C)
-5.95
A
IDM
Drain Current
- Pulsed
(Note 1)
-37.6
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
160
mJ
IAR
Avalanche Current
(Note 1)
-9.4
A
EAR
Repetitive Avalanche Energy
(Note 1)
3.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-7.0
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
38
W
- Derate above 25°C
0.3
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQD11P06TM /
FQU11P06TU
Unit
RJC
Thermal Resistance, Junction to Case, Max.
3.28
oC/W
RJA
Thermal Resistance, Junction to Ambient (Minimum Pad of 2-oz Copper), Max.
110
Thermal Resistance, Junction to Ambient (*1 in2 Pad of 2-oz Copper), Max.
50
©2000 Fairchild Semiconductor Corporation
FQD11P06 / FQU11P06 Rev. C2
G
D
S
I-PAK
D-PAK
G
S
D
G
S
D


Số phần tương tự - FQD11P06TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
VBsemi Electronics Co.,...
FQD11P06TM VBSEMI-FQD11P06TM Datasheet
990Kb / 8P
   P-Channel 60-V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
FQD11P06TM BYCHIP-FQD11P06TM Datasheet
912Kb / 4P
   P-channel Enhancement Mode Power MOSFET
More results

Mô tả tương tự - FQD11P06TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQB8P10TM FAIRCHILD-FQB8P10TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -8.0 A, 185 m廓
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
FQU17P06TU FAIRCHILD-FQU17P06TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
FQD7P06TM FAIRCHILD-FQD7P06TM Datasheet
543Kb / 8P
   P-Channel QFET짰 MOSFET - 60 V, - 5.4 A, 450 m?
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
FQI50N06TU FAIRCHILD-FQI50N06TU Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com