công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N60 bảng dữ liệu(PDF) 3 Page - Nell Semiconductor Co., Ltd

tên linh kiện 1N60
Giải thích chi tiết về linh kiện  N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NELLSEMI [Nell Semiconductor Co., Ltd]
Trang chủ  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

1N60 bảng dữ liệu(HTML) 3 Page - Nell Semiconductor Co., Ltd

  1N60 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UNIT
V
ns
μA
pF
nC
25
Max.
2.0
100
600
9.5
-100
100
0.4
120
3.0
5
25
7
20
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
I = 250µA, V
= 0V
D
GS
TEST CONDITIONS
I = 250µA,
D
V
= V
DS
GS
V
=600V, V
=0V
DS
GS
T = 25°C
C
Fall time
Gate to source reverse leakage current
Input capacitance
Total gate charge
Output capacitance
PARAMETER
Rise time
Gate to source forward leakage current
Turn-on delay time
Reverse transfer capacitance
Breakdown voltage temperature coefficient
Drain to source breakdown voltage
Turn-off delay time
SYMBOL
CISS
V
/
(BR)DSS
TJ
V(BR)DSS
IGSS
QG
tr
tf
QGS
1.0
Gate to source charge
5.0
V
= 480V, V
= 10V, I = 1.2A
DD
GS
D
(Note 1, 2)
Drain to source leakage current
IDSS
COSS
CRSS
td(ON)
td(OFF)
V/ºC
Ω
V
nA
T =125°C
C
Typ.
Min.
11.5
4.0
10
150
25
20
60
25
60
6.0
UNIT
V
μC
Max.
SOURCE TO DRAIN DIODE RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise specified)
C
I
= 1.2A, V
= 0V
SD
GS
TEST CONDITIONS
Integral reverse P-N junction
diode in the MOSFET
I
= 1.2A, V
= 0V,
SD
GS
dI /dt = 100A/µs
F
PARAMETER
Reverse recovery time
Pulsed source current
Continuous source to drain current
Diode forward voltage
SYMBOL
Is (IsD)
VSD
ISM
trr
Reverse recovery charge
Qrr
A
ns
Typ.
Min.
4.8
160
0.3
D (Drain)
G
(Gate)
S (Source)
1.4
1.2
Note:
1. Pulse test: Pulse width ≤ 300µs, duty cycle ≤ 2%.
V
= 300V,
DD
R
(Note 1, 2)
V
= 10V,
GS
I = 1.2A,
= 50Ω
D
GS
V
= 25V, V
= 0V, f =1MHz
DS
GS
V
= -30V, V
= 0V
GS
DS
V
= 30V, V
= 0V
GS
DS
V
=V
, I =250μA
GS
DS
D
Gate threshold voltage
Static drain to source on-state resistance
RDS(ON)
VGS(TH)
I = 0.6A, V
= 10V
D
GS
Gate to drain charge (Miller charge)
QGD
2.5
2. Essentially independent of operating temperature.
V
=480V, V
=0V
DS
GS
4.0
OFF CHARACTERISTICS
ON CHARACTERISTICS
DYNAMIC CHARACTERISTICS
SWITCHING CHARACTERISTICS
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
1N60 Series
www.nellsemi.com
Page 3 of 8


Số phần tương tự - 1N60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
1N60 ETC-1N60 Datasheet
71Kb / 1P
   GOLD BONDED GERMANIUM DIODE
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
275Kb / 6P
   1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
logo
Zibo Seno Electronic En...
1N60 ZSELEC-1N60 Datasheet
434Kb / 6P
   N-CHANNEL MOSFET
logo
List of Unclassifed Man...
1N60 ETC1-1N60 Datasheet
41Kb / 1P
   JEDEC DO-7 PACKAGE
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
More results

Mô tả tương tự - 1N60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com