công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMDA05C-8 bảng dữ liệu(PDF) 1 Page - Socay Electornics Co., Ltd.

tên linh kiện SMDA05C-8
Giải thích chi tiết về linh kiện  Transient Voltage Suppressors Array for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SOCAY [Socay Electornics Co., Ltd.]
Trang chủ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMDA05C-8 bảng dữ liệu(HTML) 1 Page - Socay Electornics Co., Ltd.

  SMDA05C-8 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMDA05C-8 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMDA05C-8 Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transient Voltage Suppressors Array for ESD Protection
Revision January 06, 2014
1 / 3
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMDAXXC-8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
SOP-14
The SMDAxxC-8 series of transient voltage suppressors are
designed to protect components which are connected to data
and transmission lines from voltage surges caused by
electrostatic discharge (ESD), electrical fast transients (EFT),
and lightning.
TVS diodes are characterized by their high surge capability, low
operating and clamping voltages, and fast response time.
This makes them ideal for use as board level protection of
sensitive semiconductor components. The SMDAxxC-8 is
designed to provide transient suppression on multiple data lines
and I/O ports. The low profile SOP-14 design allows the user to
protect up to eight data and I/O lines with one package. They
are bidirectional device and may be used on lines where the
normal operating voltage is above and below ground (i.e. -12V
to +12V).
u
300 Watts Peak Pulse Power per Line (tp=8/20
μs)
u
Protects Eight Data Lines
u
Working Voltage : 5V, 12V, 15V and 24V
u
Monolithic Design
u
RoHS Compliant
u
IEC61000-4-2 (ESD)
±30kV (air), ±30kV (contact) - 5V,
12V, 15V
u
IEC61000-4-2 (ESD)
±15kV (air), ±8kV (contact) -24V
u
IEC61000-4-4 (EFT) 40A (5/50
ηs)
u
IEC61000-4-5 (Lightning) 12A (8/20
μs)
u
Microprocessor Based Equipment
u
RS-232 and RS-422 Data Lines
u
LAN/WAN Equipment
u
Notebooks, Desktops and Servers
u
Instrumentation
u
Set Top Box
u
Serial and Parallel Ports
u
Peripherals
u
JEDEC SOP-14 Package
u
Molding Compound Flammability Rating : UL 94V-0
u
Weight 150.0 Milligrams (Approximate)
u
Quantity Per Reel : 500pcs
u
Reel Size : 7 inch
u
Lead Finish : Lead Free
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp=8/20
μs waveform)
300
W
TL
Lead Soldering Temperature
260 (10sec)
ºC
TSTG
Storage Temperature Range
-55 to +150
ºC
TJ
Operating Temperature Range
-55 to +150
ºC
IEC61000-4-4 (EFT)
40
A
IEC61000-4-5 ( Lightning )
12
A
Mechanical Characteristics
Description
Feature
Functional Diagram
Applications
Mechanical Characteristics


Số phần tương tự - SMDA05C-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
logo
General Semiconductor
SMDA05C-8 GE-SMDA05C-8 Datasheet
40Kb / 2P
   SURFACE MOUNT DIODE ARRAY TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMDA05C-8 MICROSEMI-SMDA05C-8 Datasheet
227Kb / 2P
   TVSarray Series
logo
Semtech Corporation
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
165Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines
logo
Shanghai Leiditech Elec...
SMDA05C-8 LEIDITECH-SMDA05C-8 Datasheet
246Kb / 3P
   USB 2.0 power and data line
More results

Mô tả tương tự - SMDA05C-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Socay Electornics Co., ...
SR05-4A SOCAY-SR05-4A Datasheet
323Kb / 7P
   Transient Voltage Suppressors Array for ESD Protection
SLVU2.8 SOCAY-SLVU2.8 Datasheet
143Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD24V08S-6L SOCAY-ESD24V08S-6L Datasheet
181Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD15V08S-4L SOCAY-ESD15V08S-4L Datasheet
263Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V25T-4C SOCAY-ESD05V25T-4C Datasheet
157Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V14T-2C SOCAY-ESD05V14T-2C Datasheet
250Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V08S-6L SOCAY-ESD05V08S-6L Datasheet
176Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-2LA SOCAY-ESD03V23T-2LA Datasheet
234Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-1A SOCAY-ESD03V23T-1A Datasheet
151Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-LA SOCAY-ESD03V23T-LA Datasheet
230Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
SMDA24C-7 SOCAY-SMDA24C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com