công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N6010 bảng dữ liệu(PDF) 1 Page - Microsemi Corporation

tên linh kiện 1N6010
Giải thích chi tiết về linh kiện  Axial-Leaded 500 mW Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6010 bảng dữ liệu(HTML) 1 Page - Microsemi Corporation

  1N6010 Datasheet HTML 1Page - Microsemi Corporation 1N6010 Datasheet HTML 2Page - Microsemi Corporation 1N6010 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Axial-Leaded 500 mW Zener Diodes
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2006
5-09-2006 REV B
S C O T TS DALE DIVISION
1N5985 thru 1N6031-1, e3 DO-35
DESCRIPTION
APPEARANCE
The popular 1N5985 thru 1N6031 series of 0.5 watt Zener Voltage Regulators
provides a selection from 2.4 to 200 volts in standard 5% or 10% tolerances as
well as tighter tolerances identified by different suffix letters on the part number.
These glass axial-leaded DO-35 Zeners are also available in various military
screening levels by adding a prefix identifier as described in the Features
section. Microsemi also offers numerous other Zener products to meet higher
and lower power applications.
DO-35
(DO-204AH
)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• JEDEC registered 1N5985 to 1N6031
• Similar to operating current conditions of the BZX55
Pro Electron series of Zener products in Europe
• Internal bonds optionally available with “-1” suffix
• RoHS Compliant devices available by adding “e3” suffix
• Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers with “-1” suffix.
• Surface mount equivalents available as MLL5985 to
MLL6031 in the DO-213AA MELF style package
including “-1” suffix options (consult factory for others)
• DO-7 glass body axial-leaded Zener equivalents are
also available
• Regulates voltage over a broad operating current
and temperature range
• Extensive selection from 2.4 to 200 V
• Standard voltage tolerances are plus/minus 5% with
B suffix, 10 % with A suffix identification
• Tight tolerances available in plus or minus 2% or
1% with C or D suffix respectively
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD (MIL-STD-750 Method 1020)
• Minimal capacitance (see Figure 2)
• Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Power dissipation at 25ºC: 0.5 watts (also see derating
in Figure 1).
• Operating and Storage temperature: -65ºC to +175ºC
• Thermal Resistance: 250 ºC/W junction to lead at 3/8
(10 mm) lead length from body, or 310
ºC/W junction to
ambient when mounted on FR4 PC board (1 oz Cu)
with 4 mm
2 copper pads and track width 1 mm, length
25 mm
• Steady-State Power: 0.5 watts at T
L < 50
oC 3/8 inch
(10 mm) from body or 0.48 W at TA < 25
ºC when
mounted on FR4 PC board as described for thermal
resistance above (also see Figure1)
• Forward voltage @200 mA: 1.1 volts (maximum)
• Solder Temperatures: 260 ºC for 10 s (max)
• CASE: Hermetically sealed axial-lead glass DO-35
(DO-204AH) package
• TERMINALS: Tin-lead or RoHS Compliant matte-
Tin plating solderable per MIL-STD-750, method
2026
• POLARITY: Cathode indicated by band. Diode to
be operated with the banded end positive with
respect to the opposite end for Zener regulation
• MARKING: Part number
• TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
• WEIGHT: 0.2 grams
• See package dimensions on last page


Số phần tương tự - 1N6010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
1N6010 MICROSEMI-1N6010 Datasheet
110Kb / 3P
   SILICON 500 mW ZENER DIODES
1N6010 MICROSEMI-1N6010 Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
logo
New Jersey Semi-Conduct...
1N6010 NJSEMI-1N6010 Datasheet
154Kb / 1P
   500 MILLIWATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N6010 DIGITRON-1N6010 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6010A MICROSEMI-1N6010A Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
More results

Mô tả tương tự - 1N6010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
1N6016A MICROSEMI-1N6016A Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
1N5728B MICROSEMI-1N5728B_V01 Datasheet
319Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
   500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com