công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5996 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation

tên linh kiện 1N5996
Giải thích chi tiết về linh kiện  Axial-Leaded 500 mW Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5996 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation

  1N5996 Datasheet HTML 1Page - Microsemi Corporation 1N5996 Datasheet HTML 2Page - Microsemi Corporation 1N5996 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Axial-Leaded 500 mW Zener Diodes
S C O T TS DALE DIVISION
1N5985 thru 1N6031-1, e3 DO-35
*ELECTRICAL CHARACTERISTICS @ 30oC Lead Temperature. Lead Length 3/8”.
Max. Zener Impedance
(Note 1)
Max. Reverse Leakage Current
ZZT @ IZT
OHMS
ZZK @ IZK = 0.25 ma
OHMS
IR
@
VR
μA
Volts
JEDEC
Type
Number
Nominal
Zener
Voltage
VZ @ IZT
Volts
(Note 2)
Test
Current
IZT
mA
B,C,D
Suffix
A, Non-
Suffix
B,C,D
Suffix
A, Non-
Suffix
B,C,D
Suffix
A, Non-
Suffix
B,C,D
Suffix
A, Non-
Suffix
Max. DC
Zener
Current
IZM
(Note 3)
Typical
Temp.
Coeff.
of Zener
Voltage
αVZ
%/
oC
1N5985
1N5986
1N5987
1N5988
2.4
2.7
3.0
3.3
5.0
5.0
5.0
5.0
100
100
95
95
110
110
100
100
1800
1900
2000
2200
2000
2200
2300
2400
100
75
50
25
100
100
100
75
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
208
185
167
152
-0.09
-0.075
-0.07
-0.06
1N5989
1N5990
1N5991
1N5992
3.6
3.9
4.3
4.7
5.0
5.0
5.0
5.0
90
90
88
70
95
95
90
90
2300
2400
2500
2200
2500
2500
2500
2500
15
10
5.0
3.0
50
25
15
10
1.0
1.0
1.0
1.5
0.5
1.0
1.0
1.0
139
128
116
106
-0.055
-0.045
-0.01
+0.01
1N5993
1N5994
1N5995
1N5996
5.1
5.6
6.2
6.8
5.0
5.0
5.0
5.0
50
25
10
8.0
88
70
50
25
2050
1800
1300
750
2500
2200
2050
1800
2.0
2.0
1.0
1.0
5.0
3.0
2.0
2.0
2.0
3.0
4.0
5.2
1.0
1.5
2.0
3.0
98
89
81
74
+0.025
+0.035
+0.04
+0.044
1N5997
1N5998
1N5999
1N6000
7.5
8.2
9.1
10
5.0
5.0
5.0
5.0
7.0
7.0
10
15
10
15
18
22
600
600
600
600
1300
750
600
600
0.5
0.5
0.1
0.1
1.0
1.0
0.5
0.5
6.0
6.5
7.0
8.0
4.0
5.2
6.0
6.5
67
61
55
50
+0.051
+0.055
+0.061
+0.065
1N6001
1N6002
1N6003
1N6004
11
12
13
15
5.0
5.0
5.0
5.0
18
22
25
32
25
32
36
42
600
600
600
600
600
600
600
600
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
8.4
9.1
9.9
11
7.0
8.0
8.4
9.1
45
42
38
33
+0.068
+0.073
+0.075
+0.079
1N6005
1N6006
1N6007
1N6008
16
18
20
22
5.0
5.0
5.0
5.0
36
42
48
55
48
55
62
70
600
600
600
600
600
600
600
600
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
12
14
15
17
9.9
11
12
14
31
28
25
23
+.080
+0.083
+0.085
+0.087
1N6009
1N6010
1N6011
1N6012
24
27
30
33
5.0
5.0
5.0
5.0
62
70
78
88
78
88
95
110
600
600
600
700
600
700
700
800
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
18
21
23
25
15
17
18
21
21
19
17
15
+0.090
+0.091
+0.093
+0.094
1N6013
1N6014
1N6015
1N6016
36
39
43
47
5.0
2.0
2.0
2.0
95
130
150
170
130
170
180
200
700
800
900
1000
900
1000
1100
1300
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
27
30
33
36
23
25
27
30
14
13
12
11
+0.094
+0.095
+0.095
+0.096
1N6017
1N6018
1N6019
1N6020
51
56
62
68
2.0
2.0
2.0
2.0
180
200
225
240
225
240
265
280
1300
1400
1400
1600
1400
1600
1700
2000
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
39
43
47
52
33
36
39
43
9.8
8.9
8.0
7.4
+0.096
+0.096
+0.097
+0.097
1N6021
1N6022
1N6023
1N6024
75
82
91
100
2.0
2.0
2.0
1.0
265
280
300
500
300
350
400
800
1700
2000
2300
2600
2300
2600
3000
4000
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
56
62
69
76
47
52
56
62
6.7
6.1
5.5
5.0
+0.098
+0.098
+0.099
+0.110
1N6025
1N6026
1N6027
1N6028
110
120
130
150
1.0
1.0
1.0
1.0
650
800
950
1250
950
1250
1400
1700
3000
4000
4500
5000
4500
5000
5500
6000
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
84
91
99
114
69
76
84
91
4.5
4.2
3.8
3.3
+0.110
+0.110
+0.110
+0.110
1N6029
1N6030
1N6031
160
180
200
1.0
1.0
1.0
1400
1700
2000
2000
2350
2700
5500
6000
7000
7000
8000
9000
0.1
0.1
0.1
0.1
0.1
0.1
122
137
152
99
114
122
3.1
2.8
2.5
+0.110
+0.110
+0.110
*Indicates JEDEC Registered Data. The type number listed indicates a 20% tolerance. For 10% tolerance, add
suffix A; for 5% tolerance, add suffix B; for 2% tolerance add suffix C; for 1% tolerance, add suffix D.
NOTES:
1.
Zener Impedance is derived from the 1 kHz ac voltage which results when an ac current having an rms value equal to 10% of
dc zener current (IZT or IZK) is superimposed on IZT or IZK. See MicroNote 202 for dynamic impedance variation with other
operating currents.
2.
Voltage Measurements to be performed 20 seconds after application of the dc test current.
3.
The maximum zener current IZM shown is for the nominal voltages. The following formula can be used to determine the worst
case current for any tolerance device:
P
VZM
IZM =
Where VZM is the high end of the voltage tolerance specified and P is the rated power of the device.
Microsemi
Scottsdale Division
Page 2
Copyright
© 2006
5-09-2006 REV B
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Số phần tương tự - 1N5996

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
1N5996 MICROSEMI-1N5996 Datasheet
110Kb / 3P
   SILICON 500 mW ZENER DIODES
1N5996 MICROSEMI-1N5996 Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
logo
New Jersey Semi-Conduct...
1N5996 NJSEMI-1N5996 Datasheet
154Kb / 1P
   500 MILLIWATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N5996 DIGITRON-1N5996 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N5996A MICROSEMI-1N5996A Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
More results

Mô tả tương tự - 1N5996

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
1N6016A MICROSEMI-1N6016A Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
1N5728B MICROSEMI-1N5728B_V01 Datasheet
319Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
   500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com