công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N4932 bảng dữ liệu(PDF) 2 Page - Digitron Semiconductors |
|
1N4932 bảng dữ liệu(HTML) 2 Page - Digitron Semiconductors |
2 / 2 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 1N4916(A)-1N4932(A) 19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES Note 1. Nominal voltage for all types is 19.2 volts ±5% Note 2. Referred to as the “box” measurement method, the VZT is the maximum voltage variance that will occur as the voltage is scanned through all temperatures between the temperature range limits. Note 3. The effective temperature coefficients are tabulated in %/°C primarily for information only because temperature compensated diodes inherently have a non-linear voltage temperature relationship. Note 4. The dynamic zener impedance ZZT is derived from the resulting ac voltage developed when a 60Hz, rms, ac current equal to 10% of the dc zener current IZT is superimposed on IZT. Note 5. To specify radiation hardened devices, use “RH” prefix instead of “1N”. MECHANICAL CHARACTERISTICS Case DO-35 hermetically sealed glass Marking Body painted, alpha numeric Polarity Cathode band Available Non-RoHS (standard) or RoHS compliant (add PBF suffix). Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number. sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com Rev. 20121112 |
Số phần tương tự - 1N4932 |
|
Mô tả tương tự - 1N4932 |