công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2-1376392-3 bảng dữ liệu(PDF) 11 Page - Tyco Electronics

tên linh kiện 2-1376392-3
Giải thích chi tiết về linh kiện  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1376392-3 bảng dữ liệu(HTML) 11 Page - Tyco Electronics

Back Button 2-1376392-3 Datasheet HTML 7Page - Tyco Electronics 2-1376392-3 Datasheet HTML 8Page - Tyco Electronics 2-1376392-3 Datasheet HTML 9Page - Tyco Electronics 2-1376392-3 Datasheet HTML 10Page - Tyco Electronics 2-1376392-3 Datasheet HTML 11Page - Tyco Electronics 2-1376392-3 Datasheet HTML 12Page - Tyco Electronics 2-1376392-3 Datasheet HTML 13Page - Tyco Electronics 2-1376392-3 Datasheet HTML 14Page - Tyco Electronics 2-1376392-3 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
145
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
.093 [2.36] Commercial Pin and Socket Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Contacts
Pin Diameter .093 [2.36]
Material
.010 [0.25] Stock Thickness
Pin and socket contacts can be used in
either plug or receptacle housings.
Related Product Data
Product Specification — 108-1038
Application Specification
114-49000
Performance Characteristics—
pages 143-144
Housings
.198 [5.03] Centerline—pages 146-147
.250 [6.35] Centerline—pages 148-149
Panel Cutouts
.198 [5.03] Centerline Housings—
page 147
.250 [6.35] Centerline Housings—
page 148
Technical Documents—pages 143
and 205-206
Application Tooling—pages 207-210
Pin
Socket
Pin
Part No. 770385-1
Socket
Part No. 770383-1
Contact Insertion Tool
(For Pins and Sockets)
Part No. 91002-1
IS 408-7347
Contact Part Numbers
HDM
Wire Size
Ins. Dia.
Material
Pin
Socket
Applicator Hand Tool
AWG
mm2
& Finish
Part
Part No.
Strip Form
Loose Piece
Strip Form
Loose Piece
No.
Brass,
Pre-tin
350418-1
770147-1
350417-1
770146-1
466656-15
24–18
0.2–0.9
.110
Brass,
2.79
Gold2
——
350417-32 770146-32 466656-25 90872-1
Brass
Select Gold1
350418-51 770147-51 350417-51 770146-51
466656-35
Brass,
Pre-tin
350416-1
770145-1
350415-1
770144-1
466878-15
.140
Brass,
3.56
Select Gold1
350416-51 770145-51 350415-51 770144-51 466878-25 90871-1
20–14
0.6–2
Phos. Brz.,
Pre-tin
——
350415-6
770144-6
466878-35
.180
Brass,
567337-36
770530-14
770529-14
567337-46
4.57
Pre-tin
567337-66
18–14
0.8–2
.180
Brass,
567273-27
or
or
4.57
Pre-tin
770385-13
——
22
(per
Phos. Brz.,
567273-37
(18)
(0.8–0.9)
wire)
Pre-tin
——
770383-13
567273-47
1
Select Gold— .000030 [.000762] min gold in mating area over .000050 [.00127] min nickel.
2
Gold— .000030 [.000762] min gold in mating area, overall gold flash over .000050 [.00127] min nickel.
3
These contacts have a .0125 [.318] stock thickness and accept two wires, each with maximum .180 [4.57] insulation
diameters. They can be used only with the following housing part numbers: 770364-1, 770365-1, 770450-1,
770451-1, 770452-1, and 770453-1 (see page 143).
4
Contact length is .875 [22. 23]
5
HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is
used on AMP-O-LECTRIC Model K Machine, -3 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210
for further information.
6
HDM Applicator part number ending in -3 is used on AMPOMATOR CLS Machine with T or G Terminators, -4 is
used on AMP-O-LECTRIC Model K Machine, -6 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210
for further information.
7
HDM Applicator part number ending in -3 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is
used on AMP-O-LECTRIC Model K Machine, -4 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210
for further information.
Note: Phosphor bronze contacts should be used in high-temperature/humidity cycling applications.
Note: All part numbers are RoHS Compliant.
.780
[19.81]
.973
[24.71]
.780
[19.81]
.973
[24.71]
Contact Extraction Tool
Part No. 318837-1
IS 408-4375


Số phần tương tự - 2-1376392-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-1376392-3 MACOM-2-1376392-3 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
2-1376392-3 MACOM-2-1376392-3 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
2-1376392-3 MACOM-2-1376392-3 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
2-1376392-3 MACOM-2-1376392-3 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Mô tả tương tự - 2-1376392-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com