công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N6041A bảng dữ liệu(PDF) 2 Page - Digitron Semiconductors |
|
1N6041A bảng dữ liệu(HTML) 2 Page - Digitron Semiconductors |
2 / 4 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 1N6036 – 1N6072A BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES ELECTRICAL CHARACTERISTICS (CONT’D) Rated Standoff Voltage Breakdown Voltage Maximum Clamping Voltage @ Ipp (1 mSEC) Maximum Reverse Leakage @ VRM Maximum Peak Pulse Current Maximum Temperature Coefficient of V(BR) TYPE VRM V(BR) @ IT VC IRM Ipp aVZ VOLTS VOLTS mA VOLTS µA A %/°C 1N6060 1N6060A 1N6061 1N6061A 1N6062 1N6062A 1N6063 1N6063A 1N6064 1N6064A 1N6065 1N6065A 1N6066 1N6066A 1N6067 1N6067A 1N6068 1N6068A 1N6069 1N6069A 1N6070 1N6070A 1N6071 1N6071A 1N6072 1N6072A 60.0 64.0 66.0 70.0 73.0 75.0 81.0 82.0 90.0 94.0 95.0 100.0 105.0 110.0 121.0 128.0 137.0 145.0 145.0 150.0 155.0 160.0 165.0 170.0 175.0 185.0 67.5 – 82.5 71.3 – 78.8 73.8 – 90.2 77.9 – 86.1 81.9 – 100.0 86.5 – 95.5 90.0 – 110.0 95.0 – 105.0 99.0 – 121.0 105.0 – 116.0 108.0 – 132.0 114.0 – 126.0 117.0 – 143.0 124.0 – 137.0 135.0 – 165.0 143.0 – 158.0 153.0 – 187.0 162.0 – 179.0 162.0 – 198.0 171.0 – 189.0 171.0 – 210.0 181.0 – 200.0 180.0 – 220.0 190.0 – 210.0 198.0 – 242.0 209.0 – 231.0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 176.0 168.0 191.0 182.0 223.0 213.0 258.0 245.0 274.0 261.0 292.0 278.0 308.0 294.0 344.0 328.0 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 13.9 14.6 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.5 8.9 7.8 8.2 6.7 7.0 5.8 6.1 5.5 5.7 5.1 5.4 4.9 5.1 4.3 4.6 .105 .105 .105 .105 .106 .106 .106 .106 .107 .107 .107 .107 .107 .107 .108 .108 .108 .108 .108 .108 .108 .108 .108 .108 .108 .108 Clamping Factor: 1.33 @ full rated power 1.20 @ 50% rated power Clamping Factor: The ratio of the actual VC (Clamping Voltage) to the V(BR) (Breakdown Voltage) as measured on a specific device. MECHANICAL CHARACTERISTICS Dimensions 1N6036-1N6072A Inches Millimeters Min Max Min Max BD - 0.235 - 5.970 BL 0.315 0.350 8.001 8.890 LD 0.027 0.035 0.686 0.762 LL 1.250 - 31.750 - CASE Metal, DO-13 POLARITY Bidirectional WEIGHT 1.5 Grams (Approximate) Available Non-RoHS (standard) or RoHS compliant (add PBF suffix). Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number. sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com Rev. 20120705 |
Số phần tương tự - 1N6041A |
|
Mô tả tương tự - 1N6041A |