công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2N2323 bảng dữ liệu(PDF) 1 Page - Digitron Semiconductors

tên linh kiện 2N2323
Giải thích chi tiết về linh kiện  SILICON CONTROLLED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIGITRON [Digitron Semiconductors]
Trang chủ  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N2323 bảng dữ liệu(HTML) 1 Page - Digitron Semiconductors

  2N2323 Datasheet HTML 1Page - Digitron Semiconductors 2N2323 Datasheet HTML 2Page - Digitron Semiconductors 2N2323 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N2322(A)-2N2328(A), 2N2329
SILICON CONTROLLED RECTIFIERS
1.6 AMP, PLANAR
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Ratings
Symbol
2N2322
2N2322A
2N2323
2N2323A
2N2324
2N2324A
2N2325
2N2325A
2N2326
2N2326A
2N2327
2N2327A
2N2328
2N2328A
2N2329
Units
Peak repetitive forward voltage
VDRM
25
50
100
150
200
250
300
400
V
Peak repetitive reverse voltage
VRRM
25
50
100
150
200
250
300
400
V
Non-repetitive peak reverse voltage
VRSM
40
75
150
225
300
350
400
500
V
DC on-state current
80°C ambient
85°C case
IT(AV)
300
1.6
mA
A
One cycle surge on-state current
ITSM
15
A
Repetitive peak on-state current
ITM
30
A
Gate power dissipation
PGM
0.1
W
Gate power dissipation
PGM(AV)
0.01
W
Peak gate current
IGM
100
mA
Reverse gate voltage
VGR
6
V
Reverse gate current
IGR
3
mA
Operating temperature
Top
-65 to +125
°C
Storage junction temperature
Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS @ 25°C
Characteristics
Symbol
Min
Typ
Max
Unit
Test Condition
Off-state current
IDRM
-
0.1
10
µA
VDRM = rating, RGK = 1K (2K for “A” types)
Reverse current
IRRM
-
0.1
10
µA
VRRM = rating, RGK = 1K (2K for “A” types)
Gate trigger current
“A” types
Non “A” types
IGT
-
-
2
50
20
200
µA
VD = 6V, RL = 100Ω
Gate trigger voltage
“A” types
Non “A” types
VGT
0.35
0.35
0.52
0.55
0.60
0.80
V
VD = 6V, RGK = 2K, RL = 100Ω
VD = 6V, RGK = 1K, RL = 100Ω
On-state voltage
VTM
-
2.0
2.2
V
ITM = 4A (pulse test)
Holding current
IH
-
0.3
2.0
mA
VD = 6V, RGK = 1K (2K for “A” types)
Reverse gate current
IGR
-
1
200
µA
VGR = 6V
Delay time
td
-
0.6
-
µs
IG = 10mA, IT = 1A, VD = 30V
Rise time
tr
-
0.4
-
µs
IG = 10mA, IT = 1A, VD = 30V
Circuit commutated turn off time
tq
-
20
-
µs
IT = 1A, IR = 1A, RGK = 1K
ELECTRICAL CHARACTERISTICS @ 125°C
Characteristics
Symbol
Min
Typ
Max
Unit
Test Condition
Off-state current
IDRM
-
1
100
µA
VDRM = rating, RGK = 1K (2K for “A” types)
Reverse current
IRRM
-
1
100
µA
VRRM = rating, RGK = 1K (2K for “A” types)
Gate trigger voltage
VGT
0.1
0.3
-
V
VD = rated VD, RGK = 1K (2K for “A” types)
Holding current
“A” types
Non “A” types
IH
0.1
0.15
-
-
-
-
mA
VD = 6V, RGK = 2K
VD = 6V, RGK = 1K
Off-state voltage – critical rate of rise
“A” types
Non “A” types
dv/dt
0.7
1.8
-
-
-
-
V/µs
VDRM = rating, RGK = 2K
VDRM = rating, RGK = 1K
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Số phần tương tự - 2N2323

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
2N2323 MICROSEMI-2N2323 Datasheet
67Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Seme LAB
2N2323 SEME-LAB-2N2323 Datasheet
15Kb / 1P
   Bipolar NPNP Device in a Hermetically sealed TO5
logo
Central Semiconductor C...
2N2323 CENTRAL-2N2323 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
logo
Comset Semiconductor
2N2323 COMSET-2N2323 Datasheet
80Kb / 3P
   SILICON THYRISTORS
logo
Central Semiconductor C...
2N2323 CENTRAL-2N2323 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER
More results

Mô tả tương tự - 2N2323

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com