công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV951MKXNOPB bảng dữ liệu(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMV951MKXNOPB
Giải thích chi tiết về linh kiện  2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951MKXNOPB bảng dữ liệu(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV951MKXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
0.8
1.2
1.6
2
2.4
2.8
3.2
SUPPLY VOLTAGE (V)
20
40
60
80
100
120
140
RL = 600:
125°C
25°C
-40°C
0.8
1.2
1.6
2
2.4
2.8
3.2
SUPPLY VOLTAGE (V)
20
30
40
50
60
70
125°C
25°C
-40°C
RL = 600:
0.8
1.2
1.6
2
2.4
2.8
3.2
SUPPLY VOLTAGE (V)
0
10
20
30
40
125°C
25°C
-40°C
RL = 2 k:
0.8
1.2
1.6
2
2.4
2.8
3.2
SUPPLY VOLTAGE (V)
0
10
20
30
40
50
125°C
25°C
-40°C
RL = 2 k:
0
0.5
1
1.5
2
2.5
3
VOUT (V)
0
20
40
60
80
100
120
140
160
125°C
25°C
-40°C
V
+
= 3V
0
0.5
1
1.5
2
2.5
3
VOUT (V)
0
30
60
90
120
150
180
210
125°C
-40°C
25°C
V
+
= 3V
LMV951
www.ti.com
SNOSAI3C – OCTOBER 2006 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 1V, V= 0V, V
CM = V
+/2 = V
O. Boldface limits apply at
the temperature extremes.
Sourcing Current
Sinking Current
vs.
vs.
Output Voltage
Output Voltage
Figure 20.
Figure 21.
Positive Output Swing
Negative Output Swing
vs.
vs.
Supply Voltage
Supply Voltage
Figure 22.
Figure 23.
Positive Output Swing
Negative Output Swing
vs.
vs.
Supply Voltage
Supply Voltage
Figure 24.
Figure 25.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV951


Số phần tương tự - LMV951MKXNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV951MKX NSC-LMV951MKX Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV951MKX TI1-LMV951MKX Datasheet
1Mb / 29P
[Old version datasheet]   1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
LMV951MKX/NOPB TI1-LMV951MKX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
More results

Mô tả tương tự - LMV951MKXNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
LMH6645 TI1-LMH6645 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
logo
Texas Instruments
TLV2371-DIE TI-TLV2371-DIE Datasheet
70Kb / 5P
[Old version datasheet]   TLV2371-DIE Rail-to-Rail Input/Output Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com