công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV951MKXNOPB bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMV951MKXNOPB
Giải thích chi tiết về linh kiện  2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951MKXNOPB bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  LMV951MKXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LMV951
www.ti.com
SNOSAI3C – OCTOBER 2006 – REVISED APRIL 2013
1V ELECTRICAL CHARACTERISTICS
(1)
Unless otherwise specified, all limits specified for at TA = 25°C, V
+ = 1, V= 0V, V
CM = 0.5V, Shutdown = 0V, and RL = 1
M
Ω.Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
VOS
Input Offset Voltage
1.5
2.8
mV
3.0
TC VOS
Input Offset Average Drift
0.15
μV/°C
IB
Input Bias Current
32
80
nA
85
IOS
Input Offset Current
0.2
nA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1V
67
77
55
dB
0.1V
≤ VCM ≤ 1V
76
85
73
PSRR
Power Supply Rejection Ratio
70
92
1V
≤ V+ ≤ 1.8V, VCM = 0.5V
67
dB
68
85
1V
≤ V+ ≤ 3V, VCM = 0.5V
65
VCM
Input Common-Mode Voltage Range
CMRR
≥ 67 dB
0
1.2
V
CMRR
≥ 55 dB
0
1.2
AV
Large Signal Voltage Gain
VOUT = 0.1V to 0.9V
90
106
RL = 600Ω to 0.5V
85
dB
VOUT = 0.1V to 0.9V
90
112
RL = 2 kΩ to 0.5V
86
VOUT
Output Voltage Swing High
RL = 600Ω to 0.5V
50
25
62
RL = 2 kΩ to 0.5V
25
12
36
mV from
rail
Output Voltage Swing Low
RL = 600Ω to 0.5V
70
32
85
RL = 2 kΩ to 0.5V
35
10
40
IOUT
Output Short Circuit Current (4)
Sourcing
20
45
VO = 0V, VIN(DIFF) = ±0.2V
15
mA
Sinking
20
35
VO = 1V, VIN(DIFF) = ±0.2V
13
IS
Supply Current
Active Mode VSD <0.4V
370
480
520
μA
Shutdown Mode VSD >0.6V
0.01
1.0
3.0
SR
Slew Rate
See (5)
1.4
V/
μs
GBWP
Gain Bandwidth Product
2.7
MHz
en
Input - Referred Voltage Noise
f = 1 kHz
25
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
0.2
pA/
√Hz
THD
Total Harmonic Distortion
f = 1 kHz, AV = 1, RL = 1 kΩ
0.02
%
ISD
Shutdown Pin Current
Active Mode, VSD = 0V
.001
1
µA
Shutdown Mode, VSD = 1V
.001
1
VSD
Shutdown Pin Voltage Range
Active Mode
0
0.4
V
Shutdown Mode
0.65
1
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions is very limited self-
heating of the device.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
The short circuit test is a momentary test, the short circuit duration is 1.5 ms
(5)
Number specified is the average of the positive and negative slew rates.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV951


Số phần tương tự - LMV951MKXNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV951MKX NSC-LMV951MKX Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV951MKX TI1-LMV951MKX Datasheet
1Mb / 29P
[Old version datasheet]   1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
LMV951MKX/NOPB TI1-LMV951MKX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
More results

Mô tả tương tự - LMV951MKXNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
LMH6645 TI1-LMH6645 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
logo
Texas Instruments
TLV2371-DIE TI-TLV2371-DIE Datasheet
70Kb / 5P
[Old version datasheet]   TLV2371-DIE Rail-to-Rail Input/Output Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com