công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV951MKNOPB bảng dữ liệu(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMV951MKNOPB
Giải thích chi tiết về linh kiện  2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951MKNOPB bảng dữ liệu(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV951MKNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV951MKNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV951MKNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMV951MKNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMV951MKNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMV951MKNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMV951MKNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMV951MKNOPB Datasheet HTML 14Page - National Semiconductor (TI) LMV951MKNOPB Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
500 ns/DIV
INPUT = 20 mVPP
f = 500 kHz
V
+
= 3V
2 PV/DIV
INPUT = 0.8 VPP
f = 100 kHz
V
+
= 3V
2 PV/DIV
INPUT = 0.8 VPP
f = 100 kHz
V
+
= 1.8V
500 ns/DIV
INPUT = 20 mVPP
f = 500 kHz
V
+
= 1.8V
500 ns/DIV
INPUT = 20 mVPP
f = 500 kHz
V
+
= 1V
2 PV/DIV
INPUT = 0.8 VPP
f = 100 kHz
V
+
= 1V
LMV951
www.ti.com
SNOSAI3C – OCTOBER 2006 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 1V, V= 0V, V
CM = V
+/2 = V
O. Boldface limits apply at
the temperature extremes.
Small Signal Transient Response, AV = +1
Large Signal Transient Response, AV = +1
Figure 32.
Figure 33.
Small Signal Transient Response, AV = +1
Large Signal Transient Response, AV = +1
Figure 34.
Figure 35.
Small Signal Transient Response, AV = +1
Large Signal Transient Response, AV = +1
Figure 36.
Figure 37.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV951


Số phần tương tự - LMV951MKNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV951MK NSC-LMV951MK Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV951MK TI1-LMV951MK Datasheet
1Mb / 29P
[Old version datasheet]   1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
LMV951MK/NOPB TI1-LMV951MK/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
logo
National Semiconductor ...
LMV951MKX NSC-LMV951MKX Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV951MKX TI1-LMV951MKX Datasheet
1Mb / 29P
[Old version datasheet]   1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
More results

Mô tả tương tự - LMV951MKNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
LMH6645 TI1-LMH6645 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
logo
Texas Instruments
TLV2371-DIE TI-TLV2371-DIE Datasheet
70Kb / 5P
[Old version datasheet]   TLV2371-DIE Rail-to-Rail Input/Output Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com