công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM324ADBR bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LM324ADBR
Giải thích chi tiết về linh kiện  Quadruple Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324ADBR bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  LM324ADBR Datasheet HTML 1Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 2Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 3Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 4Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 5Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 6Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 7Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 8Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
www.ti.com
SLOS066V – SEPTEMBER 1975 – REVISED JANUARY 2014
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
ALL OTHER
LM2902
UNIT
DEVICES
Supply voltage, VCC
(2)
±13 or 26
±16 or 32
V
Differential input voltage, VID
(3)
±26
±32
V
Input voltage, VI (either input)
–0.3 to 26
–0.3 to 32
V
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C, VCC ≤ 15 V
(4)
Unlimited
Unlimited
D package
86
86
DB package
96
96
Package thermal impedance,
θJA
(4) (5)
N package
80
80
°C/W
NS package
76
76
PW package
113
113
FK package
5.61
Package thermal impedance,
θJC
(6) (7)
J package
15.05
°C/W
W package
14.65
Operating virtual junction temperature, TJ
150
150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60
J or W package
300
300
°C
seconds
Storage temperature range, Tstg
–65 to 150
–65 to 150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
(3)
Differential voltages are at IN+, with respect to IN
−.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
Maximum power dissipation is a function of TJ(max), θJA, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) – TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(7)
The package thermal impedance is calculated in accordance with MIL-STD-883
ESD Protection
TEST CONDITIONS
TYP
UNIT
Human-Body Model
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
±2
kV
Copyright © 1975–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM124 LM124A LM224 LM224A LM324 LM324A LM2902 LM2902V LM224K LM224KA
LM324K LM324KA LM2902K LM2902KV LM2902KAV


Số phần tương tự - LM324ADBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM324ADBR TI-LM324ADBR Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM324ADBR TI1-LM324ADBR Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
LM324ADBR TI-LM324ADBR Datasheet
598Kb / 24P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM324ADBR TI1-LM324ADBR Datasheet
3Mb / 55P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED NOVEMBER 2023
LM324ADBR TI-LM324ADBR Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Mô tả tương tự - LM324ADBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com