công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8694 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD8694
Giải thích chi tiết về linh kiện  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8694 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD8694 Datasheet HTML 1Page - Analog Devices AD8694 Datasheet HTML 2Page - Analog Devices AD8694 Datasheet HTML 3Page - Analog Devices AD8694 Datasheet HTML 4Page - Analog Devices AD8694 Datasheet HTML 5Page - Analog Devices AD8694 Datasheet HTML 6Page - Analog Devices AD8694 Datasheet HTML 7Page - Analog Devices AD8694 Datasheet HTML 8Page - Analog Devices AD8694 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—2.7 V Operation ............................ 3
 
Electrical Characteristics—5 V Operation................................ 4
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution...................................................................................6
 
Pin Configurations ............................................................................7
 
Typical Performance Characteristics ..............................................8
 
Shutdown Operation...................................................................... 16
 
Input Pin Characteristics........................................................... 16
 
Input Threshold.......................................................................... 16
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 20
 
REVISION HISTORY
11/10—Rev. C to Rev. D
Changed 5 V to 6 V in Endnote 2, Table 4 .................................... 6
12/09—Rev. B to Rev. C
Added ADA4691-4, 16-Lead LFCSP .......................... Throughout
Added Figure 1, Figure 2, and Table 1; Renumbered
Sequentially ....................................................................................... 1
Changes to Applications Section and General Description
Section................................................................................................ 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Changes to Table 4............................................................................ 6
Updated Outline Dimensions ....................................................... 17
Changes to Ordering Guide .......................................................... 20
9/09—Rev. A to Rev. B
Added ADA4691-2, 9-Ball WLCSP; ADA4692-2, 8-Lead
LFCSP; and ADA4692-4, 14-Lead TSSOP................. Throughout
Changes to General Description .................................................... 1
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 17
6/09—Rev. 0 to Rev. A
Added ADA4691-2, 10 Lead LFCSP........................... Throughout
Changes to Table 1.............................................................................3
Changes to Table 2.............................................................................4
Changes to Captions for Figure 40, Figure 41, Figure 43, and
Figure 44 .......................................................................................... 13
Added Shutdown Operations Section ......................................... 15
Updated Outline Dimensions....................................................... 16
Changes to Ordering Guide .......................................................... 16
3/09—Revision 0: Initial Version


Số phần tương tự - AD8694

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8694 AD-AD8694 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8694 AD-AD8694 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8694 AD-AD8694 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
AD8694 AD-AD8694 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
AD8694 AD-AD8694 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
More results

Mô tả tương tự - AD8694

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
[Old version datasheet]   Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4691-2 AD-ADA4691-2 Datasheet
1Mb / 16P
   Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com